Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 30Page - STMicroelectronics ST20CX Datasheet HTML 31Page - STMicroelectronics ST20CX Datasheet HTML 32Page - STMicroelectronics ST20CX Datasheet HTML 33Page - STMicroelectronics ST20CX Datasheet HTML 34Page - STMicroelectronics ST20CX Datasheet HTML 35Page - STMicroelectronics ST20CX Datasheet HTML 36Page - STMicroelectronics ST20CX Datasheet HTML 37Page - STMicroelectronics ST20CX Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 212 page
background image
ajw n
®
34/212
ajw n
adjust workspace
Code: Function B
Description: Move the workspace pointer by the number of words specified in the
operand, in order to allocate or de-allocate the workspace stack.
Definition:
Wptr
′← Wptr @ n
Error signals: none
Comments:
Primary instruction.
See also:
call gajw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More