Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 56Page - STMicroelectronics ST20CX Datasheet HTML 57Page - STMicroelectronics ST20CX Datasheet HTML 58Page - STMicroelectronics ST20CX Datasheet HTML 59Page - STMicroelectronics ST20CX Datasheet HTML 60Page - STMicroelectronics ST20CX Datasheet HTML 61Page - STMicroelectronics ST20CX Datasheet HTML 62Page - STMicroelectronics ST20CX Datasheet HTML 63Page - STMicroelectronics ST20CX Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 212 page
background image
csu
®
60/212
csu
check sixteen unsigned
Code: 2F FB
Description: Check that the value in Areg can be represented as a 16-bit unsigned
integer.
Definition:
if (Areg
< 0) or (Areg ≥ 216)
IntegerError
Error signals:
IntegerError signalled if Areg is not in range.
Comments:
Secondar y instruction.
See also:
cb cbu cir ciru cs csngl cword



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More