Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 128 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 128 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 124Page - STMicroelectronics ST20CX Datasheet HTML 125Page - STMicroelectronics ST20CX Datasheet HTML 126Page - STMicroelectronics ST20CX Datasheet HTML 127Page - STMicroelectronics ST20CX Datasheet HTML 128Page - STMicroelectronics ST20CX Datasheet HTML 129Page - STMicroelectronics ST20CX Datasheet HTML 130Page - STMicroelectronics ST20CX Datasheet HTML 131Page - STMicroelectronics ST20CX Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 212 page
background image
move2dall
®
128/212
move2dall
2D block copy
Code: 25 FC
Description: Copy a 2D block of memory to another, non-overlapping, area using
parameters set up by
move2dinit. The copy is performed using the minimum number
of word reads and writes. Areg is the number of bytes in each row, Breg is the
address of the destination, and Creg is the address of the source.
Definition:
if (
source and destination overlap)
Undefined effect
else for y = 0 .. (count
− 1)
{
for x = 0 .. (Aregunsigned − 1)
byte
′[Breg + (y × dstStride) + x] ← byte[Creg + (y × srcStride) + x]
}
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
where
count
= Move2dBlockLength
dstStride
= Move2dDestStride
srcStride
= Move2dSourceStride
Error signals: none
Comments:
Secondar y instruction.
Instruction is interruptible.
See also:
move2dinit move2d nonzero move2dzero1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More