| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20CX Fiches technique(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20CX Fiches technique(HTML) 79 Page - STMicroelectronics |
|
79 / 212 page ![]() enbt 79/212 ® enbt enable timer Code: 24 F7 Description: Enable a timer guard in an alternative sequence. Areg is the boolean guard and Breg is the time after which the guard may be selected. Note that this instruction should only be used as part of an alternative sequence following a talt instruction; in this case the location pw.State will have been initialized to Enabling.p and the pw.Tlink slot initialized to TimeNotSet.p. Definition: if (Areg ≠ false) { if (word[Wptr @ pw.TLink] = TimeNotSet.p) – this is the first enbt { word ′[Wptr @ pw.TLink] ← TimeSet.p word ′[Wptr @ pw.Time] ← Breg } else if (word[Wptr @ pw.TLink] = TimeSet.p) – this is not the first enbt { if (word[Wptr @ pw.Time] after Breg) – this enbt has earlier time word ′[Wptr @ pw.Time] ← Breg } } Breg ′← Creg Creg ′← undefined Error signals: none Comments: Secondary instruction. See also: altend dist talt taltwt |