Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 64 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 64 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 60Page - STMicroelectronics ST20CX Datasheet HTML 61Page - STMicroelectronics ST20CX Datasheet HTML 62Page - STMicroelectronics ST20CX Datasheet HTML 63Page - STMicroelectronics ST20CX Datasheet HTML 64Page - STMicroelectronics ST20CX Datasheet HTML 65Page - STMicroelectronics ST20CX Datasheet HTML 66Page - STMicroelectronics ST20CX Datasheet HTML 67Page - STMicroelectronics ST20CX Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 212 page
background image
devls
®
64/212
devls
device load sixteen
Code: 2F F2
Description: Perform a device read from memory, a memory-mapped device or a
peripheral. The 16-bit object addressed by Areg is read into Areg as an unsigned
value. The memory access performed by this instruction is guaranteed to be correctly
sequenced with respect to other device-access instructions. Also the instruction is
guaranteed to be executed after all normal memory load instructions that appear
before it in the code sequence, and before all normal memory loads that appear after
it.
Definition:
if (PeripheralStart
≤ Areg ≤ PeripheralEnd)
Areg
′
0..15
← PeripheralSixteen[Areg]
else
Areg
′
0..15
← sixteen[Areg]
Areg
′
16..31
← 0
Error signals: none
Comments:
Secondar y instruction.
See also:
devlb devlw devsb ls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More