Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 52Page - STMicroelectronics ST20CX Datasheet HTML 53Page - STMicroelectronics ST20CX Datasheet HTML 54Page - STMicroelectronics ST20CX Datasheet HTML 55Page - STMicroelectronics ST20CX Datasheet HTML 56Page - STMicroelectronics ST20CX Datasheet HTML 57Page - STMicroelectronics ST20CX Datasheet HTML 58Page - STMicroelectronics ST20CX Datasheet HTML 59Page - STMicroelectronics ST20CX Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 212 page
background image
crcbyte
®
56/212
crcbyte
calculate CRC on byte
Code: 27 F5
Description: Generate a CRC (cyclic redundancy check) checksum from the most
significant b yte of Areg. Breg contains the previously accumulated checksum and
Creg the polynomial divisor (or ‘generator’). The new CRC checksum, the polynomial
remainder, is calculated by repeatedly (8 times) shifting the accumulated checksum
left, shifting in successive bits from the Areg and if the bit shifted out of the checksum
was a 1, then the generator is exclusive-ored into the checksum.
Definition:
Areg
′← temp(8)
Breg
′← Creg
Creg
′← undefined
where
temp(0)
= Breg
for i
= 1.. 8
temp(i)
= (temp(i -1) << 1) + Areg
BitsPerWord-i)
⊗ (Creg × temp(i −1)
BitsPerWord-1)
Error signals: none
Comments:
Secondar y instruction.
See also:
crcword



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More