Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20CX Fiches technique(PDF) 73 Page - STMicroelectronics

No de pièce ST20CX
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX Fiches technique(HTML) 73 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 69Page - STMicroelectronics ST20CX Datasheet HTML 70Page - STMicroelectronics ST20CX Datasheet HTML 71Page - STMicroelectronics ST20CX Datasheet HTML 72Page - STMicroelectronics ST20CX Datasheet HTML 73Page - STMicroelectronics ST20CX Datasheet HTML 74Page - STMicroelectronics ST20CX Datasheet HTML 75Page - STMicroelectronics ST20CX Datasheet HTML 76Page - STMicroelectronics ST20CX Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 212 page
background image
diss
73/212
®
diss
disable skip
Code: 23 F0
Description: Disable a ‘skip’ guard in an alternative sequence. Areg is the offset
from the byte following the
altend to the start of the guarded process and Breg is the
boolean guard. If this is the first ready guard then the value in Areg is stored in
workspace and Areg is set to
true, otherwise Areg is set to false. Note that this
instruction should be used as part of an alternative sequence following an
altwt or
taltwt instruction.
Definition:
if (Breg
= false)– boolean guard is false
Areg
′← false
else if (word[Wptr @ pw.Temp]
= NoneSelected.o)
Areg
′← false
– this is the first ready guard
else
–
another guard was selected
{
word
′[Wptr @ pw.Temp]
← Areg
Areg
′← true
}
Breg
′← Creg
Creg
′← undefined
Error signals: none
Comments:
Secondary instruction.
Uses the pw.Temp slot in the process workspace.
See also:
alt altend altwt enbs talt taltwt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More