Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CN-14A-R-C2 Fiches technique(PDF) 16 Page - Panasonic Semiconductor

No de pièce CN-14A-R-C2
Description  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C2 Fiches technique(HTML) 16 Page - Panasonic Semiconductor

Back Button CN-14A-R-C2 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 9Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 10Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 11Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 12Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 13Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 14Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 15Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Dual Display Digital Pressure Sensor
DP-100 SERIES Ver.2
750
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
DIMENSIONS (Unit: mm in)
The CAD data in the dimensions can be downloaded from the website.
MS-DP1-4
Panel mounting bracket (Optional)
CN-14A(-R)-C□
Connector attached cable (Optional,
CN-14A-C2 is attached to the sensor)
35
1.378
8
0.315
50
1.969
L
ø3.7 ø0.146 cable
( )
( )
8
0.315
( )
( )
Model No.
Length L (mm in)
CN-14A(-R)-C1
1,000 39.370
CN-14A(-R)-C2
2,000 78.740
CN-14A(-R)-C3
3,000 118.110
CN-14A(-R)-C5
5,000 196.850
• Length L
42.7
1.681
Panel mounting
bracket body
Front protection cover
(
DPX-04)
Panel mounting
bracket
Spacer
Connector
M5 female
thread
12
0.472
3 0.118
8
0.315
36
1.417
6.5 0.256
26.5
1.043
Material: Panel mounting bracket body ••• Nylon 6
Panel mounting bracket ••• Stainless steel (SUS304)
Spacer ••• Cold rolled carbon steel (SPCC)(Uni-chrome plated)
R 1/8
male thread
Note: The panel tickness should be 1 to 32 mm 0.039 to 1.260 in.
30
1.181
30
1.181
40
1.575
42.7
1.681
( )
40
1.575
9.7
0.382
( )
Panel thickness dimension 1 to 3.2 mm
0.039 to 0.126 in
56
2.205
80
3.150
36
1.417
+0.5
0
+0.020
0
36
1.417
+0.5
0
+0.020
0
Panel cut-out dimensions
Assembly dimensions
Mounting drawing with
DP-10□
Material: Brass (Nickel plated)
Weight: 10 g approx.
3.5
0.138
7.8
0.307
8
0.315
11 0.433 10 0.394
14
0.551
M5 male thread
Gasket
Rc1/8 female thread
0.5
0.020
(
)
15.8
0.622
Material: Enclosure•••Polybutylene
terephthalate (PBT)
(Glass fiber reinforced)
Pressure port•••Stainless steel
(SUS303)
O-ring•••Hydrogenated Nitrile
Butadiene Rubber
(H-NBR)
Weight: 15 g approx. (flat attachment only)
Two M3 (length 8 mm 0.315 in) screws,
two M4 (length 20 mm 0.787 in) screws
are attached.
M5 female thread
8.5 0.335
20
0.787
5.5 0.217
6.5 0.256
44.5
1.752
24
0.945
44.5
1.752
2-ø4.3 ø0.169
11.5
0.453
37
1.457
17.5
0.689
11
0.433
30
1.181
24
0.945
24
0.945
30
1.181
( )
( )
5.5 0.217
6.5 0.256
Material: Enclosure•••Polybutylene terephthalate (PBT)
(Glass fiber reinforced)
Pressure port•••Stainless steel (SUS303)
O-ring•••Hydrogenated Nitrile
Butadiene Rubber (H-NBR)
Weight: 25 g approx. (flat attachment only)
Two M3 (length 8 mm 0.315 in) screws, two M4
(length 20 mm 0.787 in) screws are attached.
37
1.457
11
0.433
8.5
0.335
17.5
0.689
11.5
0.453
Note:
MS-DP1-FR has a Rc1/8 female thread.
MS-DP1-FN has a NPT1/8 female thread.
Pressure port
G1/8 female thread (Note)
20
0.787
14
0.551
13.5
0.531
Product distinguishing mark
MS-DP1-FR: 0 line
MS-DP1-FN: 1 line
MS-DP1-FE: 2 line
52.5
2.067
(
)
24
0.945
( )
30
1.181
24
0.945
2-ø4.3
ø0.169
52.5
2.067
30
1.181
24
0.945
MS-DP1-FM
Flat attachment (Optional)
MS-DP1-FR/FN/FE
Flat attachment (Optional)
Assembly dimensions
Mounting drawing with
DP-10□-M
Assembly dimensions
Mounting drawing with
DP-10□-M
MS-DP1-7
Conversion bushing (Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com