Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CN-14A-R-C2 Fiches technique(PDF) 12 Page - Panasonic Semiconductor

No de pièce CN-14A-R-C2
Description  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C2 Fiches technique(HTML) 12 Page - Panasonic Semiconductor

Back Button CN-14A-R-C2 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 9Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 10Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 11Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 12Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 13Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 14Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 15Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Dual Display Digital Pressure Sensor
DP-100 SERIES Ver.2
746
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Never use this product as a sensing device for
personnel protection.
In case of using sensing devices for personnel
protection, use products which meet laws and standards,
such as OSHA, ANSI or IEC etc., for personnel
protection applicable in each region or country.
The
DP-100 series is designed for use with non-corrosive
gas. It cannot be used with liquid or corrosive gas.
•
•
•
Wiring
Make sure that the power supply is off while wiring.
Verify that the supply voltage variation is within the rating.
If power is supplied from a commercial switching regulator,
ensure that the frame ground (F.G.) terminal of the power
supply is connected to an actual ground.
In case noise generating equipment (switching regulator,
inverter motor, etc.) is used in the vicinity of this sensor,
connect the frame ground (F.G.) terminal of the equipment
to an actual ground.
Do not run the wires together with high-voltage lines or
power lines or put them in the same raceway. This can
cause malfunction due to induction.
Incorrect wiring will cause problems with operation.
•
•
•
•
•
•
Connection
Do not apply stress directly to
the connection cable leader or
to the connector.
•
Connector
attached cable
[
CN-14A(-R)-C□]
The
MS-DP1-2 panel mounting bracket (optional) and the
MS-DP1-3 front protection cover (optional) are also
available.
•
Mounting
Part description
MS-DP1-1 / MS-DP1-5 sensor mounting brackets are
available separately, and it should be used for mounting.
When tightening the sensor to the sensor mounting bracket,
use a tightening torque of 0.5 N·m or less.
•
Sensor mounting bracket
MS-DP1-1 (Optional)
M3 (length 6 mm 0.236 in)
screws with washers
Accessory for
MS-DP1-1
and
MS-DP1-5
Front protection cover
MS-DP1-3 (optional)
Panel mounting bracket
MS-DP1-2 (optional)
(
)
Decide the direction of this product to mount with the sensor.
Mount this product with the M3 female threads of the
sensor by using the attached M3 (length 8 mm 0.315 in)
screws. The tightening torque should be 0.5 N·m or less.
Mount this product with the mounting surface by using
the attached M4 (length 20 mm 0.787 in) screws. The
tightening torque should be 1.2 N·m or less.
Note: It is not possible to mount this product such
that the pressure port faces upward.
Note: Take care that if the cable with connector is sticking out of the side
groove of this product when mounting, the cable may disconnected.
The
MS-DP1-4 panel mounting bracket is available when
switching from the
DP2 / DP3 series.
•
An conversion bushing is available for when using the
DP-10□-M
short pressure port type. It can be used to switch between this
model and the
DP2 / DP3 series. When connecting to the
pressure port, use a
tightening torque of
1.0 N·m or less.
•
The
MS-DP1-F□ flat attachment is available.
If using the
MS-DP1-F□ flat attachment (optional), install by
following the procedures given below.
•
Pressure port
faces downward
Pressure port
faces leftward
Pressure port
faces rightward
Pressure port
faces upward
M3 (length 8 mm 0.315 in)
screw (Accessory)
M3 female thread
M3 female thread
Connector attached cable
Groove
M4 (length 20 mm 0.787 in)
screw (Accessory)
DP2-20
ñ101.3kP
a
OUT2
OUT1
MODE
0-AD
J
Front protective cover
DPX-04 (Optional)
can be installed on
MS-DP1-4.
DP2 / DP3
DP-100
Insert
Remove
Remove
Panel mounting bracket
MS-DP1-4
Conversion bushing
MS-DP1-7
M5 female thread
Rc 1 8 female thread
Mounting holes
for
DP2 / DP3 series
can be used as is.
1
2
3
Main display
Sub display
Decrement
key
Increment
key
Mode selection
key
Comparative Output 1 operation indicator
Comparative Output 2 operation indicator
Work as analog voltage output operation
indicator in Multi-function type
PRECAUTIONS FOR PROPER USE
Refer to p.1472 for general precautions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com