Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CN-14A-R-C2 Fiches technique(PDF) 4 Page - Panasonic Semiconductor

No de pièce CN-14A-R-C2
Description  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C2 Fiches technique(HTML) 4 Page - Panasonic Semiconductor

  CN-14A-R-C2 Datasheet HTML 1Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 2Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 3Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 4Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 5Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 6Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 7Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Dual Display Digital Pressure Sensor
DP-100 SERIES Ver.2
738
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY CONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
FUNCTIONS
Equipped with two independent comparative outputs,
and separate sensing modes can be selected for each
of them. Since there are two comparative outputs, one
of the comparative outputs can even be used for alarm
output. In addition, output, which is not being used, can
be disabled.
Equipped with independent dual output and three output modes
Standard type
Comparative output 1
EASY mode
Comparative output 2
EASY mode
ON
OFF
ON
OFF
–100 kPa
P-1
0 kPa
P-2
Suction checking
Vacuum breakdown checking
Vacuum breakdown can also be notified during suction applications!
Reference pressure alarm output is possible during reference pressure checking!
0 kPa
Comparative output 1
Hysteresis mode
Comparative output 2
EASY mode
ON
OFF
ON
OFF
Lo-1
Hi-1
P-2
Reference
pressure
checking
Alarm output
1
EASY mode
This mode is used for comparative output ON / OFF control.
H (Hysteresis)
H: Fixed
P
0
ON
OFF
Comparative output
Notes: 1) Hysteresis can be fixed to one of eight different levels.
2) “
”appears in the sub display for comparative output 1, and
“
” appears for comparative output 2.
2
Hysteresis mode
This mode is used for setting comparative output hysteresis
to the desired level and for carrying out ON / OFF control.
Lo
Hi
0
ON
OFF
Comparative output
H (Hysteresis)
H: 1 digit or more
Note: “
” or “
” appears in the sub display for comparative
output 1, and “
” or “
” appears for comparative output 2.
3
Window comparator mode
This mode is used for setting comparative output ON
and OFF at pressures within the setting range.
H (Hysteresis)
H: Fixed
H (Hysteresis)
Comparative output
Lo
Hi
0
ON
OFF
Notes: 1) Hysteresis can be fixed to one of eight different levels.
2) “
” or “
” appears in the sub display for comparative
output 1, and “
” or “
” appears for comparative output 2.
Multi-function type of Ver. 2 is newly equipped with analog current output, in addition to analog voltage output.
Multi-function type that enables the selection of analog output (voltage / current) or external input (auto-reference /
remote zero-adjustment) is available. It complies a wide range of applications.
Possible to switch over analog output and external input
Multi-function type
Auto-reference / remote zero-adjust
Voltage Low pressure type: 1 to 5 V,
High pressure type: 0.6 to 5 V
Current Low pressure type: 4 to 20 mA,
High pressure type: 2.4 to 20 mA
Comparative output
Analog output
External input
or
is blinking.
Multi-function type
Selection
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com