Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CN-14A-R-C2 Fiches technique(PDF) 10 Page - Panasonic Semiconductor

No de pièce CN-14A-R-C2
Description  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C2 Fiches technique(HTML) 10 Page - Panasonic Semiconductor

Back Button CN-14A-R-C2 Datasheet HTML 6Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 7Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 9Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 10Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 11Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 12Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 13Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Dual Display Digital Pressure Sensor
DP-100 SERIES Ver.2
744
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
SPECIFICATIONS
<Asia (NPN output), NorthAmerica (NPN output)>
ON voltage: 0.4 V DC or less
OFF voltage: 5 to 30 V DC, or open
Input impedance: 10 kΩ approx.
Input time: 1 ms or more
<Asia (PNP output), Europe, NorthAmerica (PNP output)>
ON voltage: 5 V to +V DC
OFF voltage: 0.6 V DC or less, or open
Input impedance: 10 kΩ approx.
Input time: 1 ms or more
Output voltage: 1 to 5 V DC
Zero point: within 3 V ±5 % F.S.
Span: within 4 V ±5 % F.S.
Linearity: within ±1 % F.S.
Output impedance: 1 kΩ approx.
Output voltage: 0.6 to 5 V
Zero point: within 1 V ±5 % F.S.
Span: within 4.4 V ±5 % F.S.
Linearity: within ±1 % F.S.
Output impedance: 1 kΩ approx.
Output current: 4 to 20 mA
Zero point: 12 mA ±5 % F.S.
Span: 16 mA ±5 % F.S.
Linearity: within ±1 % F.S.
Load resistance: 250 Ω (max.)
Output current: 2.4 to 20 mA
Zero point: 4 mA ±5 % F.S.
Span: 17.6 mA ±5 % F.S.
Linearity: within ±1 % F.S.
Load resistance: 250 Ω (max.)
(Comparativeoutput1operationindicator,comparativeoutput2operationindicator:
Lights up when each comparative output is ON
)
Orange LED
Orange LED
(Comparativeoutput1operationindicator:LightsupwhencomparativeoutputisON,
Analog voltage output operation indicator: Lights up when setting
)
−1.030 to +1.030 kgf/cm2
−1.010 to +1.010 bar
−14.64 to +14.64 psi
−757 to +757 mmHg
−29.8 to 29.8 inHg
Standard
For low pressure
For high pressure
Multi-function
For low pressure
For high pressure
−100.0 to +100.0 kPa
−101.0 to +101.0 kPa
−0.100 to +1.000 MPa
−100.0 to +100.0 kPa
−0.100 to +1.000 MPa
500 kPa
1.5 MPa
500 kPa
1.5 MPa
DP-101(-M)(-P)
DP-102(-M)(-P)
DP-101A(-M)(-P)
DP-102A(-M)(-P)
DP-101-E-P
DP-102-E-P
DP-101A-E-P
DP-102A-E-P
DP-111-E-P-J
DP-112-E-P-J
DP-111A-E-P-J
DP-112A-E-P-J
DP-101-N(-P)
DP-102-N(-P)
DP-101A-N(-P)
Gauge pressure
Type of pressure
Rated pressure range
Set pressure range
Pressure withstandability
Applicable fluid
Selectable unit
Supply voltage
Power consumption
Comparative output
Output operation / Output modes
Hysteresis
Repeatability
Response time
Short-circuit protection
External input (Note 4)
Auto-reference function /
Remote zero-adjustment
function
Analog voltage output (Note 4)
Analog current output (Note 4)
Display
Displayable pressure range
Indicator
Protection
Ambient temperature
Ambient humidity
Voltage withstandability
Insulation resistance
Vibration resistance
Shock resistance
Temperature characteristics
Pressure port
Material
Connecting method / Cable length
Weight
Accessories
Non-corrosive gas
For low pressure: kPa, kgf/cm2, bar, psi, mmHg, inHg, For high pressure: MPa, kPa, kgf/cm2, bar, psi
12 to 24 V DC ±10 % Ripple P-P 10 % or less
Normal operation: 720 mW or less (Current consumption 30 mA or less at 24 V supply voltage)
ECO mode: 480 mW or less at STD (Current consumption 20 mA or less at 24 V supply voltage)
360 mW or less at FULL (Current consumption 15 mA or less at 24 V supply voltage)
<Asia (NPN output), North America (NPN output)>
NPN open-collector transistor
• Maximum sink current: 100 mA
• Applied voltage: 30 V DC or less (between comparative output and 0 V)
• Residual voltage: 2 V or less (at 100 mA sink current)
<Asia (PNP output), Europe, North America (PNP output)>
PNP open-collector transistor
• Maximum source current: 100 mA
• Applied voltage: 30 V DC or less (between comparative output and +V)
• Residual voltage: 2 V or less (at 100 mA source current)
NO / NC (selectable by key operation) / EASY mode / Hysteresis mode / Window comparator mode
Minimum 1 digit (variable) (however, 2 digits when using psi unit)
±0.2 % F.S. (within ±2 digits)
±0.1 % F.S. (within ±2 digits)
±0.2 % F.S. (within ±2 digits)
±0.1 % F.S. (within ±2 digits)
2.5 ms, 5 ms, 10 ms, 25 ms, 50 ms, 100 ms, 250 ms, 500 ms, 1,000 ms, 5,000 ms, selectable by key operation
Incorporated
4 digits + 4 digits 3-color LCD display (Display refresh rate: 250 ms, 500 ms, 1,000 ms, selectable by key operation)
IP40 (IEC)
−10 to +50 °C +14 to +122 °F, Storage: −10 to +60 °C +14 to +140 °F
35 to 85 % RH (No dew condensation or icing allowed), Storage: 35 to 85 % RH
1,000 V AC for one min. between all supply terminals connected together and enclosure
50MΩ or more with 500 V DC megger between all supply terminals connected together and enclosure
10 to 500 Hz frequency, 3 mm 0.118 in amplitude or maximum acceleration 196 m/s2, in X, Y and Z directions for two hours each
(when panel is mounted: 10 to 150 Hz frequency, 0.75 mm 0.030 in amplitude or maximum acceleration 49 m/s2, in X, Y and Z directions for two hours each)
100 m/s2 acceleration (10 G approx.) in X, Y and Z directions for three times each
Within ±1 % F.S. (at +20 °C +68 °F)
Within ±0.5 % F.S. (at +20 °C +68 °F)
Within ±1 % F.S. (at +20 °C +68 °F)
Within ±0.5 % F.S. (at +20 °C +68 °F)
Asia: M5 female thread + R (PT) 1/8 male thread [excluding
DP-□-M(-P)], Europe: M5 female thread + G 1/8 male thread, North America: M5 female thread + NPT 1/8 male thread
Enclosure: PBT (glass fiber reinforced), LCD display: Acrylic, Pressure port: Stainless steel (SUS303) , Mounting threaded part: Brass (nickel plated), Switch part: Silicone rubber
Connector / Total length up to 100 m 328.084 ft (less than 30 m 98.425 ft when conforming to CE marking) is possible with 0.3 mm2, or more, cable
Net weight: 40 g approx. (
DP-10□-M(-P): 30 g approx.), Gross weight: 130 g approx. (DP-10□-M(-P):120 g approx.)
CN-14A-C2 (Connector attached cable 2 m 6.562 ft): 1pc. (excluding M8 plug-in connector type)
DP-102A-N(-P)
−101 to +1,010 kPa
−1.03 to +10.30 kgf/cm2
−1.01 to +10.10 bar
−14.6 to +146.4 psi
−0.101 to +1.010 MPa
−101 to +1,010 kPa
−1.03 to +10.30 kgf/cm2
−1.01 to +10.10 bar
−14.6 to +146.4 psi
−0.101 to +1.010 MPa
−1.030 to +1.030 kgf/cm2
−1.010 to +1.010 bar
−14.64 to +14.64 psi
−757 to +757 mmHg
−29.8 to 29.8 inHg
−101.0 to +101.0 kPa
−1.030 to +1.030 kgf/cm2
−1.010 to +1.010 bar
−14.64 to +14.64 psi
−757 to +757 mmHg
−29.8 to 29.8 inHg
−101.0 to +101.0 kPa
−101 to +1,010 kPa
−1.03 to +10.30 kgf/cm2
−1.01 to +10.10 bar
−14.6 to +146.4 psi
−0.101 to +1.010 MPa
−101 to +1,010 kPa
−1.03 to +10.30 kgf/cm2
−1.01 to +10.10 bar
−14.6 to +146.4 psi
−0.101 to +1.010 MPa
−1.030 to +1.030 kgf/cm2
−1.010 to +1.010 bar
−14.64 to +14.64 psi
−757 to +757 mmHg
−29.8 to 29.8 inHg
−101.0 to +101.0 kPa
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +20 °C +68 °F.
2) Model Nos. of Asia type having “
-M” are short pressure port type. Model Nos. of Asia and North America types having the suffix “-P” are PNP output type.
3) Only standard type is equipped with comparative output 2.
4) Cannot be used at the same time.
Type
Asia (Note 2)
Europe
M8 plug-in connector type
North America (Note 2)
Item
Comparative output 1,
Comparative output 2 (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com