Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CN-14A-R-C2 Fiches technique(PDF) 3 Page - Panasonic Semiconductor

No de pièce CN-14A-R-C2
Description  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C2 Fiches technique(HTML) 3 Page - Panasonic Semiconductor

  CN-14A-R-C2 Datasheet HTML 1Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 2Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 3Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 4Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 5Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 6Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 7Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
737 DualDisplayDigitalPressureSensorDP-100SERIESVer.2
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY CONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
3-color display (Red, Green, Orange)
The main display changes color in line with changes
in the status of output ON / OFF operation, and it also
changes color while setting is in progress. The sensor
status can therefore be understood easily, and operating
errors can be reduced.
SET: Orange
OFF: Green (or Red)
ON: Red (or Green)
During normal operation
During setting
Main
Display
Readable digital display!
Alphanumeric indication in 12 segments is used. This
improved visual checking.
All models in the line-up are compound pressure types
No sensor settings are required to switch between positive pressure and negative
pressure, so that the number of registered part numbers can be decreased.
BASIC PERFORMANCE
FUNCTIONS
High performance accomplished
The low pressure type displays measurements in 0.1 kPa
at a resolution of 1/2,000 and has a response time of 2.5
ms (variable up to 5,000 ms), ±0.5 % F.S. temperature
characteristics and ±0.1 % F.S. repeatability, giving it
high performance.
Low pressure type
For low
pressure
<For low pressure>
For high
pressure
DP-101
DP-102
–100 kPa
100 kPa
1 MPa
0 kPa
<For high pressure>
Ideal for applications such as
checking reference pressure.
Can also be used for simple
suction.
Ideal for applications such
as suction.
No mis-operations due to
vacuum breakdown occur.
Resolution: 1/2,000
Response time: 2.5 ms
Temperature characteristics: ±0.5 % F.S.
Repeatability: ±0.1 % F.S.
Displays measurements in 0.1 kPa
Sensors can be connected to a master sensor one by one, and a copy of the setting details for the master sensor can be transmitted as data
to other sensors. If making the same settings for multiple sensors, this prevents setting errors among other sensors and in addition, when
machinery design are changed, there would be less change in work orders.
Copy function reduces man-hours and human error
Copying via wiring
+V
0 V
Comparative output 1
Comparative output 2
+V
0 V
Comparative output 1
Comparative output 2
Power supply
Slave sensor
Master sensor
Note: Settings cannot be copied from the new version (Ver. 2) to the old version.
However, settings can be copied from the old version to the new version (Ver. 2).
Details copied
Details transmitted
Details received
The setting levels are clearly separated into “RUN mode”
for operation settings that are carried out daily, “MENU
SETTING mode” for basic settings, and “PRO mode”
for special and detailed setting. These make setting
operations easy to understand and easy to carry out.
The sensor’s setting operation mode has a 3-level configuration to suit the frequency of use
Simple setting
Settings such as threshold value
adjustment and key lock operation
can be carried out while the sensor
is operating.
Basic settings such as output mode
setting and NO / NC switching can
be carried out.
MENU SETTING mode
RUN mode
High-level function settings such as
hysteresis adjustment and the copy
function can be carried out.
PRO mode
RUN mode
PRO mode
MENU SETTING mode
Special and
detailed setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com