Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CN-14A-R-C2 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce CN-14A-R-C2
Description  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C2 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  CN-14A-R-C2 Datasheet HTML 1Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 2Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 3Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 4Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 5Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 6Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 7Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Dual Display Digital Pressure Sensor
DP-100 SERIES Ver.2
736
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY CONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
APPLICATIONS
Confirming suction of electronic component
Confirming reference pressure
Air-leak test for PET bottles
Reduced environmental impact
14% lower power consumption (during normal operation)
Thanks to a redesign of its circuitry, power consumption
of the low-power-consumption
DP-100 series during
normal operation has been reduced by 14%. The display
is shut off entirely during ECO / FULL mode operation
for power savings of up to 50% compared to normal
operation, and display brightness is lowered during ECO
/ STD mode operation for power savings of up to 30%
compared to normal operation.
UPGRADE 3
Old DP-100 series
840 mW (normal operation)
New DP-100 series
720 mW (normal operation)
Normal operation
720 mW
ECO / FULL operation
360 mW
14% lower
after update
Up to
50% lower
in ECO mode
UPGRADE 4
To prevent from breakage due to miswiring.
Enhanced power circuitry
Addition of a reverse polarity protection circuit to the transistor output circuit
“Current value” and “threshold value” can be checked at the same time!
Dual display allows direct setting of threshold value
Equipped with a 30 mm 1.181 in square compact-sized dual display. The
current value and the threshold value can be checked at the same time, so
the threshold value can be set and checked smoothly without switching to
another screen mode. ON / OFF operations still continue while the threshold
values are being set, so setting to the same sensitivity as dial control-type
sensors is possible. Key lock function is equipped as well.
Current
value
Threshold
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com