Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CN-14A-R-C2 Fiches technique(PDF) 11 Page - Panasonic Semiconductor

No de pièce CN-14A-R-C2
Description  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C2 Fiches technique(HTML) 11 Page - Panasonic Semiconductor

Back Button CN-14A-R-C2 Datasheet HTML 7Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 9Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 10Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 11Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 12Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 13Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 14Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
745 DualDisplayDigitalPressureSensorDP-100SERIESVer.2
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
I/O circuit diagram
Symbols • •• D1 to D3 : Reverse supply polarity protection diode
ZD1, ZD2 : Surge absorption zener diode
Tr1, Tr2 : NPN output transistor
Terminal
Designation
+V
Comparative output 1
Standard type: Comparative output 2
Multi-function type: Analog output or External input
0 V
Terminal arrangement diagram
Standard type
1
1
2
3
4
2
3
4
Symbols • •• D1 to D3 : Reverse supply polarity protection diode
ZD : Surge absorption zener diode
Tr1 : PNP input transistor
Tr2 : NPN output transistor
Multi-function type
Users’ circuit
Internal circuit
D1
12 to 24 V DC
±10 %
+
−
Load
Load
Tr1
ZD2
ZD1
Tr2
100 mA max.
100 mA max.
(Blue) 0 V
1
Terminal No.
Color code of connector attached cable
2
3
4
(Black)
Comparative output 1
(White) Comparative output 2
(Brown) +V
D2
D3
1kΩ
Users’ circuit
Internal circuit
D1
D3
12 to 24 V DC
±10 %
+
−
(White) Analog output
or External input Load
(Black) Comparative output 1
(Brown) +V
Tr1
5V
ZD
Tr2
100 mA max.
(Blue) 0 V
1
3
2
4
Terminal No.
Color code of connector attached cable
D2
I/O circuit diagram
Symbols • •• D : Reverse supply polarity protection diode
ZD1, ZD2 : Surge absorption zener diode
Tr1, Tr2 : PNP output transistor
12 to 24 V DC
±10 %
+
−
(Black) Comparative output 1
Load
Load
(White)Comparativeoutput2
Tr1
ZD2
ZD1
Tr2
100 mA max.
100 mA max.
(Blue) 0 V
D
Terminal
Designation
+V
Comparative output 1
Standard type: Comparative output 2
Multi-function type: Analog output or External input
0 V
Terminal arrangement diagram
Standard type
1
2
3
1
1
2
3
4
2
3
4
4
Users’ circuit
Internal circuit
Terminal No.
Color code of connector attached cable
(Brown)
+V
Symbols • •• D1, D2 : Reverse supply polarity protection diode
ZD : Surge absorption zener diode
Tr1 : PNP output transistor
Tr2 : NPN input transistor
Multi-function type
1kΩ
Users’ circuit
Internal circuit
ZD
D1
D2
12 to 24 V DC
±10 %
+
−
(White) Analog output
or External input
Load
(Black) Comparative output 1
(Brown)
+V
Tr1
Tr2
(Blue) 0 V
100 mA max.
1
2
3
4
Terminal No.
Color code of connector attached cable
D3
Terminal
Designation
+V
0 V
Standard type: Comparative output 2
Multi-function type: Analog output or External input
Comparative output 1
Terminal arrangement diagram
1
2
3
4
I/O circuit diagram
12 to 24 V DC
±10 %
+
−
(Black) Comparative output 1
Load
Load
(White)Comparativeoutput2
Tr1
ZD2
ZD1
Tr2
100 mA max.
100 mA max.
(Blue) 0 V
D
Standard type
1
4
2
3
Users’ circuit
Internal circuit
Terminal No.
Color code of connection cable
(Brown) +V
1 k
ZD
D1
D2
(White) Analog voltage output
or External input
Load
(Black) Comparative output 1
Tr1
Tr2
100 mA max.
Multi-function type
1
4
2
3
Users’ circuit
Internal circuit
12 to 24 V DC
±10 %
+
−
(Brown) +V
(Blue) 0 V
Terminal No.
Color code of connection cable
Symbols • •• D : Reverse supply polarity protection diode
ZD1, ZD2 : Surge absorption zener diode
Tr1, Tr2 : PNP output transistor
Symbols • •• D1, D2 : Reverse supply polarity protection diode
ZD : Surge absorption zener diode
Tr1 : PNP output transistor
Tr2 : NPN input transistor
1
2
3
4
I/O CIRCUIT AND WIRING DIAGRAMS
DP-10□
NPN output type
DP-10□-P
PNP output type
DP-11□-E-P-J
PNP output type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com