Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CN-14A-R-C2 Fiches technique(PDF) 13 Page - Panasonic Semiconductor

No de pièce CN-14A-R-C2
Description  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C2 Fiches technique(HTML) 13 Page - Panasonic Semiconductor

Back Button CN-14A-R-C2 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 9Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 10Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 11Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 12Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 13Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 14Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 15Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
747 DualDisplayDigitalPressureSensorDP-100SERIESVer.2
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
PRECAUTIONS FOR PROPER USE
Refer to p.1472 for general precautions.
The line to connect with this sensor should be less than
30 m 98.425 ft.
Conditions in use for CE conformity
The
DP-100 series is a CE conformity product complying
with EMC Directive. The harmonized standard with regard to
immunity that applies to this product is EN 61000-6-2 and the
following condition must be met to conform to that standard.
•
Condition
•
14 mm 0.551 in
spanner
Note: Do not tighten the pressure port by holding the product with the
spanner. It may cause the product breakage.
Piping
If connecting a commercially-available
coupling to the pressure port, attach a
12 mm 0.472 in spanner (14 mm
0.551 in spanner for
DP-100-E type)
to the hexagonal section of the
pressure port to secure it, and tighten
at a torque of 9.8 N·m or less. If it is
tightened using excessive torque, it may
damage the coupling or the pressure port.
In addition, wrap sealing tape around the coupling when
connecting it to prevent leaks.
•
12 mm 0.472 in
spanner
• The tightening torque should be 1 N·m or less when
connecting a coupling to the pressure port of
MS-DP1-FM.
• If connecting a commercially-available joint to the
pressure port of the
DP-10□-M, hold the main unit in your
hand to steady it, and tighten to a torque of 1.0 N·m or
less. If it is tightened to an excessive torque, the joint or
the main unit may become damaged.
• If connecting a commercially-available joint to the
pressure port of the
MS-DP1-7, tighten to a torque of 9.8
N·m or less.
• When connecting the coupling to the pressure port of
MS-DP1-FR/FE/FN, hold the pressure port with a 14 mm
0.551 in spanner and make sure that the tightening torque
is 9.8 N·m or less.
In addition, in order to prevent any leakage, wind a sealing
tape on the coupling when connecting.
Coupling (Purchase separately.)
Pressure port
14 mm 0.551 in
spanner
Flat attachment
•
•
•
Make sure to mount
MS-DP1-F□ with the sensor properly.
If it is not mounted properly, air leakage may occur.
Take care that the excessive mounting and dismounting of
this product may cause deterioration of the O-ring.
If you touch the O-ring of
MS-DP1-F□, or any scratch or
dust, etc. is attached to it, air leakage may occur and the
sensing performance may deteriorate.
Take sufficient care when using and storing
MS-DP1-F□.
If the mode selection key is pressed and held for 2
seconds in RUN mode, the mode will switch to MENU
SETTING mode.
If the mode selection key is pressed while a setting is
being made, the mode will switch to RUN mode. In this
case, the settings that have been changed will be entered.
•
•
Others
RUN mode
MENU SETTING mode
Use within the rated pressure range.
Do not apply pressure exceeding the pressure withstandability
value. The diaphragm will get damaged and correct operation
shall not be maintained.
Do not use during the initial transient time (0.5 sec. approx.)
after the power supply is switched on.
Avoid dust, dirt, and steam.
Take care that the sensor does not come in direct contact with
water, oil, grease, or organic solvents, such as, thinner, etc.
Do not insert wires, etc., into the pressure port. The
diaphragm will get damaged and correct operation shall not
be maintained.
Do not operate the keys with pointed or sharp objects.
•
•
•
•
•
•
•
• This is the normal operating mode.
Comparative output 1
output mode setting
Setting item
Description
Sets the output mode for comparative output 1.
Unit switching
Pressure unit can be changed.
NO / NC switching
Response time setting
Comparative output 2 output mode
setting (standard type only)
Sets the output mode for comparative output 2.
Display color switching
for main display
Analog output / external
input switching
(multi-function type only)
Allows the color for the main display to be changed.
The colors can be set to ‘red / green’ or ‘green / red’
to correspond to ON / OFF output, or it can be fixed
at ‘red’ or ‘green’ all the time.
Sets the response time.
The response time can be selected from 2.5 ms,
5 ms, 10 ms, 25 ms, 50 ms, 100 ms, 250 ms,
500 ms, 1,000 ms and 5,000 ms.
Sets normally open (NO) or normally closed (NC).
Allows switching between analog voltage output /
analog current output, and auto-reference input /
remote zero-adjust-ment input.
Setting item
Description
Threshold value
setting
Zero-adjustment
function
Key lock function
Peak hold /
bottom hold function
Stops key operations from being accepted.
The threshold values for ON / OFF operation can be
changed directly by pressing the increment key
(UP) and the decrement key (DOWN).
This forces the pressure value display to be reset to zero when
the pressure port is open on the atmospheric pressure side.
Displays the peak value and bottom value for fluctuating
pressure. The peak value appears in the main display,
and the bottom value appears in the sub display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com