Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CN-14A-R-C2 Fiches technique(PDF) 8 Page - Panasonic Semiconductor

No de pièce CN-14A-R-C2
Description  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C2 Fiches technique(HTML) 8 Page - Panasonic Semiconductor

Back Button CN-14A-R-C2 Datasheet HTML 4Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 5Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 6Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 7Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 9Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 10Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 11Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Dual Display Digital Pressure Sensor
DP-100 SERIES Ver.2
742
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
ORDER GUIDE
Type without connector attached cable
Type without connector attached cable
CN-14A-C2 is available.
When ordering this type, suffix “
-J” to the end of Model No. (Excluding M8 plug-in connector type and short pressure port type.)
(e.g.) Type without connector attached cable of
DP-101-N is “DP-101-N-J”
Accessory
• CN-14A-C2
(Connector attached cable 2 m 6.562 ft)
Standard
Multi-function
Standard
Multi-function
For low pressure
For high pressure
For low pressure
For high pressure
For low pressure
For high pressure
For low pressure
For high pressure
Standard
Multi-function
For low pressure
For high pressure
For low pressure
For high pressure
Rated pressure range
Model No.
Pressure port
Type
NPN open-collector transistor
PNP open-collector transistor
NPN open-collector transistor
PNP open-collector transistor
NPN open-collector transistor
PNP open-collector transistor
NPN open-collector transistor
PNP open-collector transistor
NPN open-collector transistor
PNP open-collector transistor
NPN open-collector transistor
PNP open-collector transistor
NPN open-collector transistor
PNP open-collector transistor
NPN open-collector transistor
PNP open-collector transistor
NPN open-collector transistor
PNP open-collector transistor
PNP open-collector transistor
M5 female thread
+
R 1/8
male thread
M5 female thread
+
G 1/8
male thread
M5 female thread
M5 female thread
+
G 1/8
male thread
−100.0 to +100.0 kPa
−0.100 to +1.000 MPa
−100.0 to +100.0 kPa
−0.100 to +1.000 MPa
−100.0 to +100.0 kPa
−0.100 to +1.000 MPa
−100.0 to +100.0 kPa
−0.100 to +1.000 MPa
−100.0 to +100.0 kPa
−0.100 to +1.000 MPa
−100.0 to +100.0 kPa
−0.100 to +1.000 MPa
Comparative output
DP-101
DP-102
DP-101A
DP-102A
DP-101-E-P
DP-102-E-P
DP-101A-E-P
DP-102A-E-P
DP-111-E-P-J
DP-112-E-P-J
DP-111A-E-P-J
DP-112A-E-P-J
DP-101-N
DP-101-N-P
DP-102-N
DP-102-N-P
DP-101A-N
DP-101A-N-P
DP-102A-N
DP-102A-N-P
DP-101-M
DP-101-M-P
DP-102-M
DP-102-M-P
DP-101A-M
DP-101A-M-P
DP-102A-M
DP-102A-M-P
Appearance
*
CN-14A-C2
(Connector attached
cable 2 m 6.562 ft )
is attached.
(Excluding M8 plug-in
connector type
)
Standard
Multi-function
For low pressure
For high pressure
For low pressure
For high pressure
Standard
Multi-function
For low pressure
For high pressure
For low pressure
For high pressure
−100.0 to +100.0 kPa
−0.100 to +1.000 MPa
−100.0 to +100.0 kPa
−0.100 to +1.000 MPa
−100.0 to +100.0 kPa
−0.100 to +1.000 MPa
−100.0 to +100.0 kPa
−0.100 to +1.000 MPa
M5 female thread
+
NPT 1/8
male thread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com