Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CN-14A-R-C2 Fiches technique(PDF) 7 Page - Panasonic Semiconductor

No de pièce CN-14A-R-C2
Description  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C2 Fiches technique(HTML) 7 Page - Panasonic Semiconductor

Back Button CN-14A-R-C2 Datasheet HTML 3Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 4Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 5Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 6Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 7Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 9Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 10Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
741 DualDisplayDigitalPressureSensorDP-100SERIESVer.2
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY CONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
M8 connector
G 1/8 male thread
M5 female thread
Mating cable
CN-24A-C2 (cable length 2 m 6.562 ft)
CN-24A-C5 (cable length 5 m 16.404 ft)
M8 plug-in connector types are also available (Only for Europe)
Flat installation on the wall by shifting the direction
of the pressure port
Rc1/8 conversion bushing is available. Compatible
with previous model
DP-11□-E-P-J
For short pressure port type
For short pressure port type
VARIETIES
* The illustration shows connection using an elbow joint.
The elbow joint is sold separately.
Compact size with a depth of only 30 mm 1.181 in, so
that it can easily fit into narrow spaces.
Further, 10 g lighter than standard types. This reduces
the loads on movable parts such as robot arms.
By mounting the flat
attachment to
DP-10□-M(-P),
pressure port and cable can
now be pulled out in downward,
left or right directions. Flat
mounting on surfaces such as
the wall is made possible.
By equipping the push-in converter with
DP-10□-M(-P),
pressure port can be converted from M5 female thread
to Rc1/8 female thread.
Bore diameter conversion to the
DP2 / DP3 series is
possible.
Short pressure port type is lightweight and takes up little space
DP-10□-M
Standard type
Short pressure port type
Shortened to
12.5 mm 0.492 in !
Light weight
30g approx.
Shortened to
12.5 mm 0.492 in !
Light weight
30g approx.
M5 female thread + R 1/8 male thread
Elbow joint
M5 female thread
[Material: Stainless steel (SUS)]
30 mm
1.181 in
Short pressure
port type
DP-10□-M
MS-DP1-7
M5 female thread
Rc1/8 female thread
Conversion bushing
Flat attachment
3 possible directions to mount
MS-DP1-F□
20 mm
0.787 in pitch
Previous model
Model No.
Pressure port
MS-DP1-FM
MS-DP1-FR
MS-DP1-FN
MS-DP1-FE
M5 female thread
Rc1/8 female thread
NPT1/8 female thread
G1/8 female thread
Previous model
DP2 / DP3
series can be switched over to
DP-100 series.
20 mm
0.787 in pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com