Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CN-14A-R-C2 Fiches technique(PDF) 5 Page - Panasonic Semiconductor

No de pièce CN-14A-R-C2
Description  Dual Display Digital Pressure Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C2 Fiches technique(HTML) 5 Page - Panasonic Semiconductor

  CN-14A-R-C2 Datasheet HTML 1Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 2Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 3Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 4Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 5Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 6Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 7Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
739 DualDisplayDigitalPressureSensorDP-100SERIESVer.2
Selection
Guide
Pressure/
Digital Display
Pressure/
Head-separated
Flow
DP-100
DP-M
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY CONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
FUNCTIONS
The sub display can be set to indicate any other desired
values or letters apart from the threshold value. This
eliminates the need for tasks such as affixing a label to
the device to indicate the normal pressure value.
Sub display can be customized
The peak values and bottom values for fluctuating
pressures can be displayed using the dual display.
Peak hold and Bottom hold functions
The
DP-100 setting details appear in the digital display.
Because the settings are in numeric form that can be
easily understood, it is useful such as when receiving
technical support by telephone.
Setting details can be recognized at a glance
This mode lowers the display luminance to cut power
consumption by approximately 30 %. The displays can
also be turned off completely to achieve a power saving
of approximately 40 %.
Energy-saving design! Equipped with an ECO mode
1st digit: Setting status for
comparative output 1
5th digit: Response time
setting
6th digit: Display unit setting
7th digit: Display refresh rate setting
8th digit: ECO mode setting
2nd digit: Setting status for
comparative output 2
3rd digit: Threshold value setting
4th digit: Display color setting
If the reference pressure of the device changes, two functions are selectable.
One is auto-reference function, which partially shift the comparative output
judgment level by the amount that the reference pressure shifts. The other
is remote zero-adjustment function, which can reset the display value to zero
via external input. These functions are ideal for places where the reference
pressure fluctuates wildly, or where fine settings are required.
Equipped with auto-reference / remote zero-adjustment functions, More precise pressure management is achieved with a minimum of effort Multi-function type
With auto-reference function applied
20
15
0
–5
OK
Comparative output: Window comparator mode
Hi-1…0, Lo-1…–5
When auto-reference input is applied, the reference pressure “30”
is added to the threshold level. If the reference pressure changes
to “20” or “40”, the auto-reference input compensates for this
every time by changing the threshold level, so any variation in
the filling pressure can be ignored.
30
Auto-reference input
Sets the absolute threshold level
The display remains at “30” and
only the threshold level is changed.
Threshold level before applying
auto-reference input
Trial 1
25
Time
Pressure
Trial 1
Auto-reference input value…
Comparative output: Window comparator mode
Hi-1…0, Lo-1…–5
Sets the absolute threshold level
With remote zero-adjustment function applied
20
15
0
–5
OK
When remote zero-adjustment input is applied, the reference
pressure is forced to “0”. If the reference pressure changes to
“20” or “40”, the remote zero-adjustment input adjusts the
reference pressure to “0” every time the reference pressure
changes, so any variation in the filling pressure can be ignored.
30
Remote zero-adjustment input
Threshold level before applying
remote zero-adjustment input
Threshold level after applying
remote zero-adjustment input
25
Time
Pressure
Displayed when remote zero-adjustment
input is applied…
–5
The display is forced to “0”, and only the
filling pressure drop range is displayed.
0
Threshold level after applying
auto-reference input
Blinks alternately
Normal
Current consumption for
24 V power supply:
35 mA or less
ECO-STD
Current consumption for
24 V power supply:
25 mA or less
ECO-FULL
Current consumption for
24 V power supply:
20 mA or less
Approx.
30 % less
Approx.
40 % less
Power consumption
Power consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com