| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7038RB Fiches technique(PDF) 115 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB Fiches technique(HTML) 115 Page - ams-OSRAM AG |
|
115 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 114 Addr: 0x0d GPIO_SR Bit Bit Name Default Access Bit Description 3 gpio3_sr 0 RW GPIO3 slew rate configuration 0: Default slew rate 1: Increased slew rate 2 gpio2_sr 0 RW GPIO2 slew rate configuration 1 gpio1_sr 0 RW GPIO1 slew rate configuration 0 gpio0_sr 0 RW GPIO0 slew rate configuration GPIO_SYNC (Address 0x0f) Figure 159: GPIO_SYNC Register Addr: 0x0f GPIO_SYNC Bit Bit Name Default Access Bit Description 7:3 Not used 0 RW Not used 2 gpio_edge 0 RW Used edge on selected GPIO for synchronization. 0=posedge 1=negedge 1:0 gpio_select 0 RW 0: GPIO0 1: GPIO1 2: GPIO2 3: GPIO3 An external synchronization signal can be used to start the sequencer for an ADC cycle The synchronization signal is available via a GPIO. The used GPIO and Edge (positive, negative or both) can be programmed. |