| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7038RB Fiches technique(PDF) 85 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB Fiches technique(HTML) 85 Page - ams-OSRAM AG |
|
85 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 84 Addr: 0x80 EAF_GST Bit Bit Name Default Access Bit Description 3 8 4 16 5 32 6 64 7 Reserved The EAF register is used to configure the electrical frontend EAF_BIAS (Address 0x81) Figure 107: EAF_BIAS Register Addr: 0x81 EAF_BIAS Bit Bit Name Default Access Bit Description 7:5 gpio_r_bias 0 RW Resistive biasing Setting Meaning 0 No resistive biasing 1 Resistive biasing on GPIO0 2 Resistive biasing on GPIO1 3 Resistive biasing on GPIO2 4 Resistive biasing on GPIO3 5 Resistive biasing on ECG_REF 4:0 Not used 0 RW Do not use EAF_DAC (Address 0x82) Figure 108: EAF_DAC Register Addr: 0x82 EAF_DAC Bit Bit Name Default Access Bit Description 7:5 Do not use 0 RW Do not use 4 sigref_on_dac_buf 0 RW If asserted, connect SIGREF to DAC buffer. |