| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7038RB Fiches technique(PDF) 114 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB Fiches technique(HTML) 114 Page - ams-OSRAM AG |
|
114 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 113 Addr: 0x0b GPIO_I Bit Bit Name Default Access Bit Description 3 gpio3_i 0 RO The digital value sensed on GPIO3 2 gpio2_i 0 RO The digital value sensed on GPIO2 1 gpio1_i 0 RO The digital value sensed on GPIO1 0 gpio0_i 0 RO The digital value sensed on GPIO0 GPIO_P (Address 0x0c) Figure 157: GPIO_P Register Addr: 0x0c GPIO_P Bit Bit Name Default Access Bit Description 7 gpio3_pd 0 RW GPIO3 pull-down configuration 0: No pull-down on GPIO3 1: Pull-down to GND on GPIO3 6 gpio3_pu 0 RW GPIO3 pull-up configuration 0: No pull-up on GPIO3 1: Pull-up to VDD on GPIO3 5 gpio2_pd 0 RW GPIO2 pulldown configuration 4 gpio2_pu 0 RW GPIO2 pull-up configuration 3 gpio1_pd 0 RW GPIO1 pull-down configuration 2 gpio1_pu 0 RW GPIO1 pull-up configuration 1 gpio0_pd 0 RW GPIO0 pulldown configuration 0 gpio0_pu 0 RW GPIO0 pull-up configuration GPIO_SR (Address 0x0d) Figure 158: GPIO_SR Register Addr: 0x0d GPIO_SR Bit Bit Name Default Access Bit Description 7:4 Not used 0 RW Not used |