Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7038RB Fiches technique(PDF) 84 Page - ams-OSRAM AG

No de pièce AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Fiches technique(HTML) 84 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 80Page - ams-OSRAM AG AS7038RB Datasheet HTML 81Page - ams-OSRAM AG AS7038RB Datasheet HTML 82Page - ams-OSRAM AG AS7038RB Datasheet HTML 83Page - ams-OSRAM AG AS7038RB Datasheet HTML 84Page - ams-OSRAM AG AS7038RB Datasheet HTML 85Page - ams-OSRAM AG AS7038RB Datasheet HTML 86Page - ams-OSRAM AG AS7038RB Datasheet HTML 87Page - ams-OSRAM AG AS7038RB Datasheet HTML 88Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 83
Addr: 0x70
EAF_CFG
Bit
Bit Name
Default
Access
Bit Description
1: DAC inside the EAF ON
1
eaf_enab_dac_buf
0
RW
0: DAC buffer OFF
1: DAC buffer ON
0
eaf_enab_gainstage
0
RW
0: Gain stage in EAF OFF
1: Gain stage in EAF ON
The EAF_CFG register is used to configure the analog frontend.
EAF_GST (Address 0x80)
Figure 106:
EAF_GST Register
Addr: 0x80
EAF_GST
Bit
Bit Name
Default
Access
Bit Description
7:5
gpio_gst_in
0
RW
Gain stage input selection
Setting
Meaning
0
Not connected
1
GPIO0
2
GPIO1
3
GPIO2
4
GPIO3
5
ECG_REF
4:3
gst_ref
0
RW
Gain stage reference voltage
Setting
Meaning
0
AGND
1
DAC buffer
2
SIGREF
3
Reserved
2:0
gst_gain
0
RW
Gain stage gain
Setting
Meaning
0
1
1
2
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More