Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7038RB Fiches technique(PDF) 19 Page - ams-OSRAM AG

No de pièce AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Fiches technique(HTML) 19 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 15Page - ams-OSRAM AG AS7038RB Datasheet HTML 16Page - ams-OSRAM AG AS7038RB Datasheet HTML 17Page - ams-OSRAM AG AS7038RB Datasheet HTML 18Page - ams-OSRAM AG AS7038RB Datasheet HTML 19Page - ams-OSRAM AG AS7038RB Datasheet HTML 20Page - ams-OSRAM AG AS7038RB Datasheet HTML 21Page - ams-OSRAM AG AS7038RB Datasheet HTML 22Page - ams-OSRAM AG AS7038RB Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 127 page
background image
Document Feedback
AS7038RB
Register Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 18
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
0X4A
SEQ_DIS_SE
L
dis_sel2[3:0]
dis_sel1[3:0]
0X4B
SEQ_DIS_VA
L1
seq_dis_val1[7:0]
0X4C
SEQ_DIS_VA
L2
Seq_dis_val2[7:0]
0X60
CYC_COUNT
ER
cycle_counter[7:0]
0X61
SEQ_COUNT
ER
sequence_counter[7:0]
0X62
SUBS_COUN
TER
subs_counter[7:0]
0X50
OFE_CFGA
ofe2_en
ofe1_en
en_bias_
ofe
aa_freq[1:0]
gain_sd[2:0]
0X51
OFE1_SD_TH
CFG
ofe1_sd_clipd_h_thresh [3:0]
ofe1_sd_clipd_l_thresh [3:0]
0X52
OFE_CFGC
Not used
prefilter_
aa_byp
prefilter_
hp_byp
prefilter_
gain_byp
prefilter_
bypass_
en
prefilter_
aa_en
prefilter_
hp_en
prefilter_
gain_en
0X53
OFE_CFGD
Not used
notch_bw[1:0]
ofe_sd_hp[2:0]
ofe_gs_aa[1:0]
0X54
OFE1_CFGA
ofe1_sd_
pol_init
ofe1_sd_
en
ofe1_hp_
en
ofe1_gai
n_en
ofe1_sd
_byp
ofe1_hp_
byp
ofe1_gai
n_byp
ofe1_sd_
hld
0X55
OFE1_CFGB
ofe1_gain_g[2:0]
ofe1_sd_bw[2:0]
ofe1_hp_freq[1:0]
0X56
OFE2_PD_T
HCFG
ofe2_pd_clipd_h_thresh[3:0]
ofe2_pd_clipd_l_thresh[3:0]
0X57
OFE2_SD_T
HCFG
ofe2_sd_clipd_h_thresh[3:0]
ofe2_sd_clipd_l_thresh[3:0]
0X58
OFE2_CFGA
ofe2_sd_
pol_init
ofe2_sd_
en
ofe2_hp_
en
ofe2_gai
n_en
ofe2_sd
_byp
ofe2_hp_
byp
ofe2_gai
n_byp
ofe2_sd_
hld
0X59
OFE2_CFGB
ofe2_gain_g[2:0]
ofe2_sd_bw[1:0]
ofe2_hp_freq[1:0]
0X20
LTFDATA0_L
ltfdata0[7:0]
0X21
LTFDATA0_H
ltfdata0[15:8]
0X22
LTFDATA1_L
ltfdata0[7:0]
0X23
LTFDATA1_H
ltfdata1[15:8]
0X24
ITIME
Itime[7:0]
0X25
LTF_CONFIG
infinite_iti
me
az_disab
le_auto
az_mode[1:0]
Not used
ltf_prox_
mode
ltf_fifo_m
ode
ltf_enabl
e
0X26
LTF_SEL
Do not
use
ltf1_sel[2:0]
Not used
ltf0_sel[2:0]
0X27
LTF_GAIN
Do not
use
Do not
use
itime_unit[1:0]
ltf_gain[3:0]
0X28
LTF_CONTR
OL
Do not
use
Do not
use
Do not
use
Do not
use
Do not
use
Do not
use
Do not
use
ltf_start
0X29
AZ_CONTRO
L
Do not
use
Do not
use
Do not
use
Do not
use
Do not
use
Do not
use
az_enabl
e_1
az_enabl
e_0
0X2A
OFFSET0
offset0[7:0]
0X2B
OFFSET1
offset0[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More