| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7038RB Fiches technique(PDF) 18 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB Fiches technique(HTML) 18 Page - ams-OSRAM AG |
|
18 / 127 page ![]() Document Feedback AS7038RB Register Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 17 Addr Name <D7> <D6> <D5> <D4> <D3> <D2> <D1> <D0> 0X1F OFE1_PD_T HCFG ofe1_pd_clipdetect_h_thresh[3:0] ofe1_pd_clipdetect_l_thresh[3:0] 0X30 SEQ_CNT seq_count[7:0] 0X31 SEQ_DIV seq_div[7:0] 0X32 SEQ_START Not used Not used Not used Not used Not used seq_start _gpio seq_start _sync seq_start 0X33 SEQ_PER seq_period[7:0] 0X34 SEQ_LED_S TA seq_led_ start[7:0] 0X35 SEQ_LED_S TO seq_led_stop[7:0] 0X36 SEQ_SECLE D_STA seq_secled_start[7:0] 0X37 SEQ_SECLE D_STO seq_secled_stop[7:0] 0X38 SEQ_ITG_ST A seq_itg_start[7:0] 0X39 SEQ_ITG_ST O seq_itg_stop[7:0] 0X3A SEQ_SDP1_ STA seq_sdp1_start[7:0] 0X3B SEQ_SDP1_ STO seq_sdp1_stop[7:0] 0X3C SEQ_SDP2_S TA seq_sdp2_start[7:0] 0X3D SEQ_SDP2_ STO seq_sdp2_stop[7:0] 0X3E SEQ_SDM1_ STA seq_sdm1_start[7:0] 0X3F SEQ_SDM1_ STO seq_sdm1_stop[7:0] 0X40 SEQ_SDM2_ STA seq_sdm2_start[7:0] 0X41 SEQ_SDM2_ STO seq_sdm2_stop[7:0] 0X42 SEQ_ADC seq_adc[7:0] 0X43 SEQ_ADC2TI A seq_adc2tia[7:0] 0X44 SEQ_ADC3TI A seq_adc3tia[7:0] 0X45 SD_SUBS sd_subs[7:0] 0X46 SEQ_CFG Not used Not used Not used Not used Not used Not used Not used sd_subs _always 0X47 SEQ_ERR irq_adc_t iming_err or Not used Not used Not used Not used Not used Not used Not used 0X48 SEQ_OVS_S EL ovs_sel2 ovs_sel1 0X49 SEQ_OVS_V AL Not used ovs_val2 Not used ovs_val1 |