| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7038RB Fiches technique(PDF) 60 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7038RB Fiches technique(HTML) 60 Page - ams-OSRAM AG |
|
60 / 127 page ![]() Document Feedback AS7038RB Functional Description Datasheet • PUBLIC DS000726 • v2-00 • 2021-Jun-02 126 │ 59 SEQ_DIS_SEL (Address 0x4a) Figure 71: SEQ_DIS_SEL Register Addr: 0x4a SEQ_DIS_SEL Bit Bit Name Default Access Bit Description 7:4 dis_sel2 0 RW Select ADC for disable channel 2 3:0 dis_sel1 0 RW Select ADC for disable channel 1 SEQ_DIS_VAL1 (Address 0x4b) Figure 72: SEQ_DIS_VAL1 Register Addr: 0x4b SEQ_DIS_VAL1 Bit Bit Name Default Access Bit Description 7:0 seq_dis_val1 0 RW Set value n for disable channel 1 fDISABLE = fCYCLE / (seq_dis_val1 + 1) SEQ_DIS_VAL2 (Address 0x4c) Figure 73: SEQ_DIS_VAL2 Register Addr: 0x4c SEQ_DIS_VAL2 Bit Bit Name Default Access Bit Description 7:0 seq_dis_val2 0 RW Set value n for disable cannel 2 fDISABLE = fCYCLE / (seq_dis_val2 + 1) |