Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7038RB Fiches technique(PDF) 5 Page - ams-OSRAM AG

No de pièce AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Fiches technique(HTML) 5 Page - ams-OSRAM AG

  AS7038RB Datasheet HTML 1Page - ams-OSRAM AG AS7038RB Datasheet HTML 2Page - ams-OSRAM AG AS7038RB Datasheet HTML 3Page - ams-OSRAM AG AS7038RB Datasheet HTML 4Page - ams-OSRAM AG AS7038RB Datasheet HTML 5Page - ams-OSRAM AG AS7038RB Datasheet HTML 6Page - ams-OSRAM AG AS7038RB Datasheet HTML 7Page - ams-OSRAM AG AS7038RB Datasheet HTML 8Page - ams-OSRAM AG AS7038RB Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 127 page
background image
Document Feedback
AS7038RB
General Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 4
Benefits
Features
Additional information for end user
Analog electrical front end (e.g. for temperature
sensing using a NTC or galvanic skin resistivity
(GSR))
Integrated interference filter
Reduce negative effect of strong sunlight
Long operating time
Hardware sequencer to offload processor
Adjustable LED driver with current control
Works reliably with ambient light
Synchronous demodulator
1.2
Applications
●
Optical sensor platform
●
Disposable oximeter
●
Smart patch
●
Earbuds
●
Fitness band
●
Smart watch
●
Oximeter
●
ECG monitoring