Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7038RB Fiches technique(PDF) 59 Page - ams-OSRAM AG

No de pièce AS7038RB
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB Fiches technique(HTML) 59 Page - ams-OSRAM AG

Back Button AS7038RB Datasheet HTML 55Page - ams-OSRAM AG AS7038RB Datasheet HTML 56Page - ams-OSRAM AG AS7038RB Datasheet HTML 57Page - ams-OSRAM AG AS7038RB Datasheet HTML 58Page - ams-OSRAM AG AS7038RB Datasheet HTML 59Page - ams-OSRAM AG AS7038RB Datasheet HTML 60Page - ams-OSRAM AG AS7038RB Datasheet HTML 61Page - ams-OSRAM AG AS7038RB Datasheet HTML 62Page - ams-OSRAM AG AS7038RB Datasheet HTML 63Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 58
SUBS_COUNTER (Address 0x62)
Figure 68:
SUBS_COUNTER Register
Addr: 0x62
SUBS_COUNTER
Bit
Bit Name
Default
Access
Bit Description
7:0
subs_counter
0
RO
Current subsampling counter value
OVERSAMPLING/AVERAGE
Noise improvement.
Generate the programmable average of multiple sample for two input channels (e.g., PPG and ECG).
The mean value is programmed as a 2^n function.
SEQ_OVS_SEL (Address 0x48)
Figure 69:
SEQ_OVS_SEL Register
Addr: 0x48
SEQ_OVS_SEL
Bit
Bit Name
Default
Access
Bit Description
7:4
ovs_sel2
0
RW
Selecting the ADC channel for oversampling 2
3:0
ovs_sel1
0
RW
Selecting the ADC channel for oversampling 1
SEQ_OVS_VAL (Address 0x49)
Figure 70:
SEQ_OVS_VAL Register
Addr: 0x49
SEQ_OVS_VAL
Bit
Bit Name
Default
Access
Bit Description
7
Not used
0
RW
Not used
6:4
ovs_val2
0
RW
Set value for oversampling 2, 2^ovs_val2
3
Not used
0
RW
Not used
2:0
ovs_val1
0
RW
Set value for oversampling 1, 2^ovs_val1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More