| Moteur de recherche de fiches techniques de composants électroniques |
|
PL460 Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PL460 Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 48 page ![]() PL460 Input/Output Lines Data Sheet © 2020-2023 Microchip Technology Inc. and its subsidiaries DS60001666D - 17 6.5. Transmission Enabled (TXEN) Pin The TXEN pin is unidirectional. It is managed by the external host controller and has to be driven high to enable the PLC transmission. If the transmissions are disabled, ongoing/programmed transmission (if any) will be aborted and subsequent requests will be denied. 6.6. Zero-Cross Detection (VZC) Pin The VZC pin is unidirectional. The input signal must be a digital pulse train directly related to the mains voltage. For more information about how the PL460 detects the zero-cross, refer to Zero-Crossing Detection. Additionally, the VZC pin is used during fuse programming to enter in the programming mode. For more information about fuse programming, refer to Fuse Programming. 6.7. Thermal Monitor Pins (THEN, NTHW0, THW1, G1) An on-die temperature monitor with two warning thresholds and hysteresis is included in the PL460 to improve product reliability by avoiding high power dissipation situations. This risky condition might occur during PLC transmission in case of very low impedance load and high-level output signal conditions. The input pin THEN is used to enable the thermal monitor functionality. Connecting it directly to the ENABLE pin is recommended to control both of them at the same time. The open-drain outputs, NTHW0 and THW1, are used to notify high temperature conditions as it is indicated in Table 6-1: Table 6-1. Thermal Warning Temperature Threshold and Output Status Output Thermal Threshold (℃) Output Status Rise Fall Tdie≥ Tth Tdie< Tth NTHW0 110 100 Low HiZ THW1 120 110 HiZ Low The first output, NTHW0, can be connected to the host controller to manage the temperature warning, but the second output, THW1, must be connected directly to the PL460 in order to manage the temperature warning itself. The pin G1 is configured in the PLC-protocol firmware to be used as an input interrupt for the thermal warning THW1, therefore it is recommended to connect the THW1 and G1 pins directly. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |