Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL460 Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce PL460
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Fiches technique(HTML) 29 Page - Microchip Technology

Back Button PL460 Datasheet HTML 25Page - Microchip Technology PL460 Datasheet HTML 26Page - Microchip Technology PL460 Datasheet HTML 27Page - Microchip Technology PL460 Datasheet HTML 28Page - Microchip Technology PL460 Datasheet HTML 29Page - Microchip Technology PL460 Datasheet HTML 30Page - Microchip Technology PL460 Datasheet HTML 31Page - Microchip Technology PL460 Datasheet HTML 32Page - Microchip Technology PL460 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
PL460
Transmission Path
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 29
9.
Transmission Path
The transmission path adapts the digital data to generate a class-D amplified Pulse-Density
Modulated (PDM) signal with high-current capability to drive low-impedance loads which are
inherent to PLC systems. This output signal is externally band-pass filtered and coupled to the mains
network.
The PL460 supports up to two independent transmission branches as described in the following
sections.
9.1.
Main Transmission Branch
The main transmission branch uses the embedded class-D PLC line driver to optimize performance
in terms of efficiency and EMC compliance while reducing BOM cost and PCB complexity.
This is the default branch for single-band applications either in CEN-A, CEN-B or FCC bands.
Figure 9-1. Main Transmission Block Diagram
The ASO0 and ASO1 pins manage the filtering stage associated with the Main Transmission Branch.
The PL460 is capable of automatically managing up to two external filters in the filtering stage, each
filter associated to an ASOx line. In case of requiring only one filter in the coupling, both ASO lines
must be connected together externally.
The ASIx pins indicate the status of the ASOx outputs, indicating whether the main branch is
transmitting or not.
9.2.
Auxiliary Transmission Branch
The Auxiliary Transmission Branch can provide an additional output bit-stream, if required. This PLC
signal is driven by means of the EMIT outputs, and controlled by the TXRX1 signal, as illustrated in
Figure 9-2. Note that the auxiliary transmission path cannot use the embedded PLC driver in the
PL460 and requires an external circuit for signal amplification, in addition to the standard filtering
and coupling stages.
The auxiliary PLC transmission branch may be required in case of multi-band applications (for
example, FCC+CEN-A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com