Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL460 Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce PL460
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Fiches technique(HTML) 18 Page - Microchip Technology

Back Button PL460 Datasheet HTML 14Page - Microchip Technology PL460 Datasheet HTML 15Page - Microchip Technology PL460 Datasheet HTML 16Page - Microchip Technology PL460 Datasheet HTML 17Page - Microchip Technology PL460 Datasheet HTML 18Page - Microchip Technology PL460 Datasheet HTML 19Page - Microchip Technology PL460 Datasheet HTML 20Page - Microchip Technology PL460 Datasheet HTML 21Page - Microchip Technology PL460 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
PL460
Bootloader
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 18
7.
Bootloader
7.1.
Description
The bootloader loads the program from an external host to the internal memory of the PL460. It
allows loading of plain programs or secured programs. When a secured program is loaded, the
original program length must be padded to become a multiple of 16 bytes, and the length (number
of blocks, where a block is a 16 byte set) must be specified for correct signature validation and
decryption.
Signature uses AES128 CMAC. Signature can be calculated over the {Encrypted Software} or over
{Encrypted Software + Initialization Vector + Number of Blocks-1}. The number of blocks for
signature calculation will be specified as a 16 byte integer number in the {image}, although the
number is programmed as a 16-bit integer in the corresponding register of the bootloader.
Decryption of the secured program uses AES128 CBC.
When secured software transfer has been selected, system operation will not start unless signature
validation and decryption pass correctly.
The bootloader also allows programming of security keys and security control fuses.
7.2.
Embedded Characteristics
• Bootloader operates on SCK (typical frequency 12 MHz, maximum frequency ≤16 MHz)
synchronously with core and bus clocks
• Fixed phase and polarity SPI control protocol
• Password to unlock bootloader
• Fuse programming control
7.3.
Block Diagram
Figure 7-1. Block Diagram
HOST
NRST
SPI
Hardwired Bootloader &
Fuse Programmer
CPU
RAM
firmware
code
r/w
r/w
r/w
r/w
r
r
w
w
r
r
r/w
r/w
r
r
AES CBC+CMAC
plain
mode
r
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com