Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL460 Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce PL460
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Fiches technique(HTML) 19 Page - Microchip Technology

Back Button PL460 Datasheet HTML 15Page - Microchip Technology PL460 Datasheet HTML 16Page - Microchip Technology PL460 Datasheet HTML 17Page - Microchip Technology PL460 Datasheet HTML 18Page - Microchip Technology PL460 Datasheet HTML 19Page - Microchip Technology PL460 Datasheet HTML 20Page - Microchip Technology PL460 Datasheet HTML 21Page - Microchip Technology PL460 Datasheet HTML 22Page - Microchip Technology PL460 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
PL460
Bootloader
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 19
7.4.
Functional Description
The bootloader loads the program from an external host to the internal memory of the PL460.
The external host can access the instruction memory, data memory, and registers through SPI. The
bootloader only works in SPI Mode 0 (CPHA = 1 and CPOL = 0). The basic data transfer is shown in
the figure below:
Data read
MISO
S31
S18
S0
d30
d31
d29
d2
d0
d1
CS
SCK
MOSI
A30
A31
A1
C15
A0
C0
D30
D31
D29
D2
D0
D1
X
Bootloader HW signature
ADDRESS
COMMAND
DATA WRITE
X
The basic frame sent from the host through the MOSI signal is composed as shown in the following
table:
Address
Command
Data
32-bit block
16-bit block
n blocks of 32 bits
All the blocks in the basic frame sent by MOSI use little-endian format.
Each frame received from the host will be acknowledged with a 32-bit signature through the MISO
signal.
The bootloader supports a series of SPI commands, which are listed in the table below.
Command Description
addr(31:0)
data(n*32-1:0)
0x0000
Write word on one address
0xAAAAAAAA (Note 1) 0xDDDDDDDD (Note 2)
0x0001
Write words on consecutive addresses
0xAAAAAAAA (Note 1) 0xDDD…DDD (Note 2, 3)
0x0002
Read words on consecutive addresses
0xAAAAAAAA (Note 1)
0x000…000 (Note 4)
0x0003
Read word on one address
0xAAAAAAAA (Note 1)
0x00000000
0x0004
Write number of decryption packets
0x00000000
0x0000DDDD (Note 2)
0x0005
Write decryption initial vector
0x00000000
0xDDD…DDD (Note 2, 3)
0x0006
Write decryption signature
0x00000000
0xDDD…DDD (Note 2, 3)
0x0007
Write 128 bit fuses value to Buffer register
0x00000000
0xDDD…DDD (Note 2, 3)
0x0008
Write Buffer register to Tamper register for KEY_ENC_FUSES
0x00000000
0x00000000
0x0009
Write Buffer register to Tamper register for KEY_TAG_FUSES
0x00000000
0x00000000
0x000B Write Buffer register to Tamper register for CONTROL_FUSES
0x00000000
0x00000000
0x000C Blow desired fuses
0x00000000
0x00000000
0x000D Write KEY_ENC_FUSES to the corresponding Tamper register
0x00000000
0x00000000
0x000E
Write KEY_TAG_FUSES to the corresponding Tamper register
0x00000000
0x00000000
0x0010
Write CONTROL_FUSES to the corresponding Tamper register
0x00000000
0x00000000
0x0011
Read Tamper register
0x00000000
0x000…000 (Note 4)
0x0012
Read bootloader status
0x00000000
0x00000000
0x0013
Start Decryption
0x00000000
0x00000000
0x0014
Start/Stop BOOTLOADER access window in Host mode
0x00000000
0x00000000
0x0015
Start Decryption Plus
0x00000000
0x00000000
0xA55A Control of MISO signal transferred to M7-SPI
0x00000000
0x00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com