Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL460 Fiches technique(PDF) 38 Page - Microchip Technology

No de pièce PL460
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Fiches technique(HTML) 38 Page - Microchip Technology

Back Button PL460 Datasheet HTML 34Page - Microchip Technology PL460 Datasheet HTML 35Page - Microchip Technology PL460 Datasheet HTML 36Page - Microchip Technology PL460 Datasheet HTML 37Page - Microchip Technology PL460 Datasheet HTML 38Page - Microchip Technology PL460 Datasheet HTML 39Page - Microchip Technology PL460 Datasheet HTML 40Page - Microchip Technology PL460 Datasheet HTML 41Page - Microchip Technology PL460 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
PL460
Electrical Characteristics
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 38
• CPCB is the ground-referenced parasitic capacitance of the printed circuit board (PCB) on the XIN
and XOUT tracks.
Table 11-9 summarizes recommendations to be followed when choosing a crystal.
The PLC protocol firmwares support propagation of the input clock signal through the TXRX1 pin,
allowing fine adjustment of the Cx parameter.
The drive level indicates power consumption by the crystal unit while the oscillation circuit works.
Excessive drive level might cause unexpected change of frequency, crystal damage, or shorter
device lifetime. The drive level is given by the following formula:
DriveLevel=ESR×I2
Where:
• ESR is the equivalent series resistor (specified by the crystal manufacturer).
• I is the current flowing through the crystal in RMS. If the waveform is sine wave or similar, the
effective value is calculated by Ip-p/2√2.
To keep the drive level value inside the manufacturer range, it is required to limit the current
that flows through the crystal. The total power dissipated by the crystal is proportional to RS (see
Figure 11-1), therefore its value can be modified to obtain a drive level that complies with the
requirements. As the value of RS relates to the safety factor, there is a maximum value of RS
that maintains a good safety factor and at the same time keeps the drive level below the crystal
manufacturer maximum specifications.
Table 11-9. Recommended Crystal Characteristics
Parameter
Symbol
Rating
Unit
Min.
Typ.
Max.
Equivalent Series Resistor
ESR
—
—
100
Ω
Motional capacitance
CM
2
—
3.2
fF
Shunt capacitance
CSHUNT
—
—
1.3
pF
Frequency tolerance
—
—
10(1)
25
ppm
Notes: 
1. As required by the G3-PLC specification, the system clock tolerance must not exceed ±25 ppm.
For the PRIME specification, the maximum allowable tolerance is ±50 ppm, while for the Meters
and More specification, it is ±150 ppm. Regardless of the specification, Microchip recommends
selecting a crystal with a frequency tolerance that is lower than the specified maximum. This is
due to actual performance may be affected by production tolerances, temperature stability, and
aging.
11.7. PGA and ADC
Table 11-10. PL460 PGA and ADC Input Characteristics
Parameter
Typical Value
Unit
VIN input impedance
10
kΩ
VIN max voltage dynamic range
± 0.75
V
Note: Although the maximum VIN range is 0 - 3.3V, the PGA has been designed to saturate with any
input value greater than the input common mode voltage (VREFC) ± 0.75V. To clamp the input signal,
a pair of series diodes can be used to easily achieve it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com