Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL460 Fiches technique(PDF) 33 Page - Microchip Technology

No de pièce PL460
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Fiches technique(HTML) 33 Page - Microchip Technology

Back Button PL460 Datasheet HTML 29Page - Microchip Technology PL460 Datasheet HTML 30Page - Microchip Technology PL460 Datasheet HTML 31Page - Microchip Technology PL460 Datasheet HTML 32Page - Microchip Technology PL460 Datasheet HTML 33Page - Microchip Technology PL460 Datasheet HTML 34Page - Microchip Technology PL460 Datasheet HTML 35Page - Microchip Technology PL460 Datasheet HTML 36Page - Microchip Technology PL460 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
PL460
Electrical Characteristics
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 33
11.
Electrical Characteristics
11.1. Absolute Maximum Ratings
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Restricting the
functional operation to the conditions given in the Recommended Operating Conditions section is
recommended. Exposure to the Absolute Maximum Conditions for extended periods may affect
device reliability.
Table 11-1. Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDDIO
-0.5 to 4.0
V
VDDIN_AN
VDDIN
VDDAMP
Input Voltage
VI
-0.5 to VDDIO +0.5 (≤ 4.0V)
Output Voltage
VO
-0.5 to VDDIO +0.5 (<4.0V)
Amplifier Supply Voltage
PVDDAMP
-0.5 to 20
V
Total current on ASO0 and ASO1
pads
IASO
1.2
ARMS
Total current on OUT pads
IOUT
1.5
ARMS
Storage Temperature
TST
-55 to 125
ºC
Junction Temperature
TJ
-40 to 125
Output Current(1)
IO
±8(2)
mA
Notes: 
1. DC current that continuously flows for 10 ms or more, or average DC current.
2. Applies to all pins except for the OUT, ASO, EMIT, and AGC pins. Using those pins only according
to circuit configurations recommended by Microchip is recommended.
Precautions for handling electrostatic sensitive devices
should
be
taken
into
account
to
avoid
malfunction.
Charged
devices
and
circuit
boards
can
discharge
without detection.
ATTENTION observe ESD precautions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com