Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL460 Fiches technique(PDF) 22 Page - Microchip Technology

No de pièce PL460
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Fiches technique(HTML) 22 Page - Microchip Technology

Back Button PL460 Datasheet HTML 18Page - Microchip Technology PL460 Datasheet HTML 19Page - Microchip Technology PL460 Datasheet HTML 20Page - Microchip Technology PL460 Datasheet HTML 21Page - Microchip Technology PL460 Datasheet HTML 22Page - Microchip Technology PL460 Datasheet HTML 23Page - Microchip Technology PL460 Datasheet HTML 24Page - Microchip Technology PL460 Datasheet HTML 25Page - Microchip Technology PL460 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
PL460
Bootloader
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 22
blow the desired fuses with the values in the corresponding Tamper register, the command (CMD =
0x000C) must be sent with any address and any data value.
The end of this writing process is indicated in the answer of the bootloader status command (CMD
= 0x0012). If the writing process is active, bit 0 of the answer is ‘1’. In other cases, all data of the
answer is ‘0’.
In the case of CONTROL_BOX, to activate the new values, it is also necessary to write the
CONTROL_FUSES values to the corresponding Tamper register (CMD = 0x0010).
7.4.4.
Read Process
The CMD = 0x0003 command reads a unique address.
The CMD = 0x0002 command reads several consecutive addresses. In this case the frame will be
composed of 32 bits for the address, 16 bits for the command and as many SCK pulses (always
multiple of 32) as needed to read data.
To read a fuse box, it must have been written previously in the corresponding Tamper register.
The content of Tamper registers KEY_ENC_BOX, KEY_TAG_BOX or CONTROL_BOX are written to the
buffer with the commands CMD = 0x000D, CMD = 0x000E and CMD = 0x0010, respectively. Once the
Tamper register is written, it can be read with the command CMD = 0x0011.
7.4.5.
Fuse Programming
To write control or key fuses, an external supply of 2.5V ±10% DC 50 mA supply must be connected
to the VZC pin. The voltage in VZC must be applied only after the PL460 is already powered
(Power On Considerations) and maintained during the entire fuse programming process. If fuses are
programmed in the system, the appropriate protection of VZC circuitry by means of a 10K resistor
must be implemented, as it is shown in the figure below.
Figure 7-2. Externally Fuse Programming Setup
The fuse programming commands are sent through SPI. In case of using an external fuses
programming controller, the host MCU SPI ports must be left in high-impedance mode to allow
the connection between the PL460 and the external fuses programming controller.
7.4.6.
Control Fuses
The control fuse box includes 128 OTP (One-time programming) fuse bits. Only some of them are
used to configure software security features, see table below. Reserved bits in the range 0 to 17
must not be modified. Bits from 18 to 128 are not used. The default status of all fuses is not set.
Fuse Bit
Name
Description
0
ENCRNOTPLAIN If it is set, secure mode is active
1
READ_AES_KEY If it is set, KEY_ENC and KEY_TAG cannot be read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com