Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL460 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce PL460
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button PL460 Datasheet HTML 10Page - Microchip Technology PL460 Datasheet HTML 11Page - Microchip Technology PL460 Datasheet HTML 12Page - Microchip Technology PL460 Datasheet HTML 13Page - Microchip Technology PL460 Datasheet HTML 14Page - Microchip Technology PL460 Datasheet HTML 15Page - Microchip Technology PL460 Datasheet HTML 16Page - Microchip Technology PL460 Datasheet HTML 17Page - Microchip Technology PL460 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
PL460
Power Considerations
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 14
5.
Power Considerations
5.1.
Power Supplies
The following table defines the power supply requirements of the PL460.
Table 5-1. Power Supplies
Name
Associated
Ground
Description
VDDCORE
GND
Core power supply with internal connection to 1.25V voltage regulator output.
VDDIO
GND
3.3V digital supply.
VDDIN
GND
3.3V input for core voltage regulator.
VDDIN_AN
AGND
3.3V analog supply (ADC + PGA).
VDDPLL
GND
1.25V voltage regulator output. To be connected to VDDCORE through a low-pass filter.
PVDDAMP
PGND
8-16V power supply of the embedded PLC driver.
VDDAMP
GNDAMP
3.3V digital and analog supply of PLC driver.
The PL460 embeds a voltage regulator to supply the core. The Voltage Regulator state is controlled
by the ENABLE pin. The VDDCORE pins in the package must be populated with external decoupling
capacitors; connecting one 100 nF and one 2.2 µF capacitor to each pair of VDDCORE pins, C1-C2
and H5-J5, is recommended.
All ground pads GND, AGND, and PGND must be connected at the PCB level. Additionally, it is
recommended to keep PGND and AGND nets in the PCB layout in separate power planes with a
single point connection to GND. Refer to reference designs provided by Microchip for a reference
layout.
Assuming the previously described connections are done, and the following decoupling capacitors
are mandatory at the PCB level:
• MLCC 100 nF 10% 25V X7R 0603 between VREGN and GNDAMP
• MLCC 100 nF 10% 25V X7R 0603 between VREGP and VDD
• MLCC 100 nF 10% 25V X7R 0603 between VDDAMP and GND
PVDDAMP decoupling capacitive network is highly dependent on final application. Refer to the
Signal Description for the recommended decoupling network for NB-PLC cases.
5.2.
Power Constraints
The following power constraints apply to the PL460 device. Deviating from these constraints may
lead to unwanted device behavior.
• PVDDAMP must be stable when transmitting. A variation of 1V above or 2V below the
configured PVDDAMP voltage can damage internal regulators and must be avoided. Microchip
strongly recommends monitoring the PVDDAMP voltage, and if these conditions are detected,
transmissions should be disabled using the TXEN pin.
• VDDIN and VDDIO must have the same level, 3.3V.
• VDDPLL voltage must be derived from VDDCORE through a low-pass filter. Using a second order
LC with a cutoff frequency equal to 25 kHz is recommended. The inductor can be replaced by
a ferrite bead, then a cutoff frequency equal to 75 kHz could be acceptable. In those cases,
it is mandatory to check the communication performances of the system to detect problems
originating from poor PLL supply filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com