Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL460 Fiches technique(PDF) 37 Page - Microchip Technology

No de pièce PL460
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Fiches technique(HTML) 37 Page - Microchip Technology

Back Button PL460 Datasheet HTML 33Page - Microchip Technology PL460 Datasheet HTML 34Page - Microchip Technology PL460 Datasheet HTML 35Page - Microchip Technology PL460 Datasheet HTML 36Page - Microchip Technology PL460 Datasheet HTML 37Page - Microchip Technology PL460 Datasheet HTML 38Page - Microchip Technology PL460 Datasheet HTML 39Page - Microchip Technology PL460 Datasheet HTML 40Page - Microchip Technology PL460 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
PL460
Electrical Characteristics
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 37
Table 11-7. Analog Power Consumption
Supply
Block
Application Case
Rating
Unit
Min.
Typ.
Max.
VDDPLL
PLL
—
—
1.7(1)
2.1(2)
mA
VDDIN_AN
PGA
—
—
1.5(3)
2.2(4)
ADC
CENELEC-A / CENELEC-B
—
7.5(3)
10.8(4)
FCC
—
14.4(3)
20.9(4)
Notes: 
1. Typical case conditions: Frequency = 216 MHz, TAMB = 25ºC, VDDPLL = 1.2V.
2. Worst case conditions: Frequency = 216 MHz, TAMB = 125ºC, VDDPLL = 1.32V.
3. Typical case conditions: TJ = 25ºC, VDDIN_AN = 3.3V.
4. Worst case conditions: TJ = 125ºC, VDDIN_AN = 3.6V.
11.6. Crystal Oscillator
The table below provides the crystal oscillator characteristics.
Table 11-8. 24 MHz Crystal Oscillator Characteristics
Parameter
Test Condition
Symbol
Rating
Unit
Min.
Typ.
Max.
Crystal Oscillator frequency
Fundamental
Xtal
24
MHz
Internal parasitic capacitance
Between XIN and XOUT
CPARA24M
0.6
0.7
0.8
pF
Start-up time
tON
—
—
1
ms
Drive level
PON
—
—
400
µW
Load capacitance
CLOAD
4
—
18
pF
Important: Locate the crystal as close as possible to the XOUT and XIN pins.
The following figure shows the crystal oscillator schematic.
Figure 11-1. 24 MHz Crystal Oscillator Schematic
XIN
XOUT
CX
PL460
CPARA24M
CPCB
CPCB
RS
CX
CX = 2 x (CXTAL – CPARA24M – CPCB /2)
Where:
• CXTAL is the load capacitance of the crystal.
• CPARA24M is the internal parasitic impedance of the oscillator, typically 0.7 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com