Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL460 Fiches technique(PDF) 35 Page - Microchip Technology

No de pièce PL460
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Fiches technique(HTML) 35 Page - Microchip Technology

Back Button PL460 Datasheet HTML 31Page - Microchip Technology PL460 Datasheet HTML 32Page - Microchip Technology PL460 Datasheet HTML 33Page - Microchip Technology PL460 Datasheet HTML 34Page - Microchip Technology PL460 Datasheet HTML 35Page - Microchip Technology PL460 Datasheet HTML 36Page - Microchip Technology PL460 Datasheet HTML 37Page - Microchip Technology PL460 Datasheet HTML 38Page - Microchip Technology PL460 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
PL460
Electrical Characteristics
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 35
Table 11-4. TFBGA81 Electrical Pinout (continued)
Pin No.
Pin Name
I/O
I(mA)
Res.
HY
Pin No.
Pin Name
I/O
I(mA)
Res.
HY
B9
PGND
P
—
—
—
G5
GND
—
—
—
—
C1
VDDCORE
P
—
—
—
G6
VDDIO
P
—
—
—
C2
VDDCORE
P
—
—
—
G7
G1
I/O
±2/4
PU/PD/-
Y/-
C3
GND
P
—
—
—
G8
CS
I/O
± 2/4
PU/PD/-
Y/-
C4
GND
P
—
—
—
G9
MOSI
I/O
± 2/4
PU/PD/-
Y/-
C5
GND
P
—
—
—
H1
VDDIN_AN
P
—
—
—
C6
GNDAMP
P
—
—
—
H2
STBY
I
—
—
Y
C7
VDDAMP
P
—
—
—
H3
XIN
I
—
—
—
C8
PGND
P
—
—
—
H4
GND
P
—
—
—
C9
ASO0
O
1200 (3)
—
—
H5
VDDCORE
P
—
—
—
D1
VDDIO
P
—
—
—
H6
VDDIN
P
—
—
—
D2
VDDIO
P
—
—
—
H7
THEN
I/O
±2/4
PU/PD/-
Y/-
D3
VDDIO
P
—
—
—
H8
EXTIN
I/O
± 2/4
PU/PD/-
Y/-
D4
GND
P
—
—
—
H9
SCK
I/O
± 2/4
PU/PD/-
Y/-
D5
GND
P
—
—
—
J1
GND
P
—
—
—
D6
NC
—
—
—
—
J2
VZC
I
—
(5)
Y
D7
GND
P
—
—
—
J3
XOUT
O
—
—
—
D8
VDDAMP
P
—
—
—
J4
VDDPLL
P
—
—
—
D9
ASO0
O
1200 (3)
—
—
J5
VDDCORE
P
—
—
—
E1
VIN
I
—
—
—
J6
VDDIN
—
—
—
—
E2
AGND
P
—
—
—
J7
ENABLE
I
—
—
Y
E3
GND
P
—
—
—
J8
TXEN
I/O
±2/4
PU/PD/-
Y/-
E4
VDDIO
P
—
—
—
J9
GND
P
—
—
—
E5
NC
—
—
—
—
—
—
—
—
—
—
I/O = Pin Direction (I = Input, O = Output, T = Tri-state, P = Power)
I(mA) = Nominal Current (+ = source, - = sink)
Res = Pin pull-up/pull-down resistor (PU = Pull Up, PD = Pull Down (70-140 kΩ, typical 100 kΩ))
HY = Input Hysteresis (Y = yes)
Notes: 
1. Maximum value considering the use of both balls per EMITx.
2. Maximum value considering the use of both balls of OUT.
3. Maximum value considering the use of both balls per ASOx.
4. Selectable from 5 mA to 20 mA in 4 steps of 5 mA.
5. In case of fuse programming, an external 10 kΩ serial resistor is needed (see Fuse
Programming).
6. VREGP, VREGN, VREFP, VREFC, and VREFN are analog signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com