Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL460 Fiches technique(PDF) 10 Page - Microchip Technology

No de pièce PL460
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Fiches technique(HTML) 10 Page - Microchip Technology

Back Button PL460 Datasheet HTML 6Page - Microchip Technology PL460 Datasheet HTML 7Page - Microchip Technology PL460 Datasheet HTML 8Page - Microchip Technology PL460 Datasheet HTML 9Page - Microchip Technology PL460 Datasheet HTML 10Page - Microchip Technology PL460 Datasheet HTML 11Page - Microchip Technology PL460 Datasheet HTML 12Page - Microchip Technology PL460 Datasheet HTML 13Page - Microchip Technology PL460 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
PL460
Package and Ballout
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 10
4.
Package and Ballout
4.1.
Packages
The PL460 is available in a TFBGA81 package. Refer to the Mechanical Characteristics for the
TFBGA81 package mechanical drawing.
Table 4-1. PL460 Packages
Package Name
Ball Count
Ball Pitch
Package Size
TFBGA81
81
1.00 mm
10 x 10 mm2
4.2.
Ballout
Table 4-2. PL460 Ballout
A1
GND
C1
VDDCORE
E1
VIN
G1
VREFC
J1
GND
A2
TXRX1
C2
VDDCORE
E2
AGND
G2
VREFN
J2
VZC
A3
EMIT3
C3
GND
E3
GND
G3
NRST
J3
XOUT
A4
EMIT2
C4
GND
E4
VDDIO
G4
VDDIO
J4
VDDPLL
A5
VREGP
C5
GND
E5
NC
G5
GND
J5
VDDCORE
A6
PVDDAMP
C6
GNDAMP
E6
NC
G6
VDDIO
J6
VDDIN
A7
OUT
C7
VDDAMP
E7
NC
G7
G1
J7
ENABLE
A8
ASO1
C8
PGND
E8
ASI1
G8
CS
J8
TXEN
A9
PGND
C9
ASO0
E9
ASI0
G9
MOSI
J9
GND
B1
AGC
D1
VDDIO
F1
VDDIN_AN
H1
VDDIN_AN
B2
GND
D2
VDDIO
F2
VREFP
H2
STBY
B3
EMIT3
D3
VDDIO
F3
AGND
H3
XIN
B4
EMIT2
D4
GND
F4
GND
H4
GND
B5
VREGN
D5
GND
F5
VDDIO
H5
VDDCORE
B6
PVDDAMP
D6
NC
F6
VDDIO
H6
VDDIN
B7
OUT
D7
GND
F7
THW1
H7
THEN
B8
ASO1
D8
VDDAMP
F8
NTHW0
H8
EXTIN
B9
PGND
D9
ASO0
F9
MISO
H9
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com