Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99MH98 Fiches technique(PDF) 136 Page - STMicroelectronics

No de pièce L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Fiches technique(HTML) 136 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 132Page - STMicroelectronics L99MH98 Datasheet HTML 133Page - STMicroelectronics L99MH98 Datasheet HTML 134Page - STMicroelectronics L99MH98 Datasheet HTML 135Page - STMicroelectronics L99MH98 Datasheet HTML 136Page - STMicroelectronics L99MH98 Datasheet HTML 137Page - STMicroelectronics L99MH98 Datasheet HTML 138Page - STMicroelectronics L99MH98 Datasheet HTML 139Page - STMicroelectronics L99MH98 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 147 page
background image
Table 231. VFQFN48L (7x7x0.9 mm exp. pad down) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A2
0.2 REF
A3
0.10
-
-
b
0.20
0.25
0.30
D
-
7.00
-
D2
5.30
5.40
5.50
e
-
0.5
-
E
-
7.00
-
E2
5.30
5.40
5.50
L
0.45
0.50
0.55
L1
0.35
-
-
k
0.25
-
-
N
48
Tolerance of form and position
aaa
0.15
bbb
0.10
ccc
0.08
ddd
0.05
eee
0.10
fff
0.10
REF
-
L99MH98
Package information
DS14611 - Rev 3
page 136/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More