Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99MH98 Fiches technique(PDF) 135 Page - STMicroelectronics

No de pièce L99MH98
Description  Automotive octal half-bridge pre-driver
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MH98 Fiches technique(HTML) 135 Page - STMicroelectronics

Back Button L99MH98 Datasheet HTML 131Page - STMicroelectronics L99MH98 Datasheet HTML 132Page - STMicroelectronics L99MH98 Datasheet HTML 133Page - STMicroelectronics L99MH98 Datasheet HTML 134Page - STMicroelectronics L99MH98 Datasheet HTML 135Page - STMicroelectronics L99MH98 Datasheet HTML 136Page - STMicroelectronics L99MH98 Datasheet HTML 137Page - STMicroelectronics L99MH98 Datasheet HTML 138Page - STMicroelectronics L99MH98 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 147 page
background image
9
Package information
To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product
status are available at: www.st.com. ECOPACK is an ST trademark.
9.1
VFQFN48L (7x7x0.9 mm exp. pad down) package information
Figure 45. VFQFN48L (7x7x0.9 mm exp. pad down) package outline
L99MH98
Package information
DS14611 - Rev 3
page 135/147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More