| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56303 Fiches technique(PDF) 15 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 Fiches technique(HTML) 15 Page - Freescale Semiconductor, Inc |
|
15 / 292 page ![]() DSP56300 Core DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor 1-5 1.5 DSP56300 Core Core features are fully described in the DSP56300 Family Manual. This manual, in contrast, documents pinout, memory, and peripheral features. Core features are as follows: 100 million instructions per second (MIPS) with a 100 MHz clock at 3.0–3.6 V Highly parallel instruction set Data arithmetic logic unit (Data ALU) — Fully pipelined 24 × 24-bit parallel multiplier-accumulator (MAC) — 56-bit parallel barrel shifter (fast shift and normalization; bit stream generation and parsing) — Conditional ALU instructions — 24-bit or 16-bit arithmetic support under software control Program control unit (PCU) — Position Independent Code (PIC) support — Addressing modes optimized for DSP applications (including immediate offsets) — Instruction cache controller — Internal memory-expandable hardware stack — Nested hardware DO loops — Fast auto-return interrupts Direct memory access (DMA) — Six DMA channels supporting internal and external accesses — One-, two-, and three- dimensional transfers (including circular buffering) — End-of-block-transfer interrupts — Triggering from interrupt lines and all peripherals Phase lock loop (PLL) — Allows change of low power Divide Factor (DF) without loss of lock — Output clock with skew elimination Hardware debugging support — On-chip emulation (OnCE) module — Joint Test Action Group (JTAG) Test Access Port (TAP) — Address Trace mode reflects internal program RAM accesses at the external port Reduced power dissipation — Very low-power CMOS design — Wait and stop low-power standby modes — Fully-static design specified to operate down to 0 Hz (dc) — Optimized power-management circuitry (instruction-dependent, peripheral-dependent, and mode-dependent) |