| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56303 Fiches technique(PDF) 53 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 Fiches technique(HTML) 53 Page - Freescale Semiconductor, Inc |
|
53 / 292 page ![]() Memory Maps DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor 3-9 Figure 3-3. Switched Program RAM (0, 1, 0) Internal Reserved Bootstrap ROM Internal Program RAM 2 K $FFFFFF $FFF0C0 $FF0000 $000000 Internal Reserved Internal I/O External Internal X data RAM 3 K External $000C00 Internal Reserved External I/O External Internal Y data RAM 3 K External $FFF000 $FFFF80 Program X Data Y Data Bit Settings Memory Configuration SC MS CE Program RAM X Data RAM Y Data RAM Cache Addressable Memory Size 010 2 K $000–$7FF 3 K $000–$BFF 3 K $000–$BFF None 16 M External $FFFFFF $FF0000 $000000 $000C00 $FFF000 $FFFF80 $FFFFFF $FF0000 $000000 $000800 |