| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56303 Fiches technique(PDF) 52 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 Fiches technique(HTML) 52 Page - Freescale Semiconductor, Inc |
|
52 / 292 page ![]() DSP56303 User’s Manual, Rev. 2 3-8 Freescale Semiconductor Memory Configuration Figure 3-2. Instruction Cache Enabled (0, 0, 1) Internal Reserved Bootstrap ROM External Internal Program RAM 3 K $FFFFFF $FFF0C0 $FF0000 $000000 Internal Reserved Internal I/O External Internal X data RAM 2 K External $000800 Internal Reserved External I/O External Internal Y data RAM 2 K External $FFF000 $FFFF80 Program X Data Y Data $000C00 Bit Settings Memory Configuration SC MS CE Program RAM X Data RAM Y Data RAM Cache Addressable Memory Size 001 3 K $000–$BFF 2 K $000–$7FF 2 K $000–$7FF 1 K internal not accessible 16 M $FFFFFF $FF0000 $000000 $000800 $FFF000 $FFFF80 $FFFFFF $FF0000 $000000 |