Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56303 Fiches technique(PDF) 14 Page - Freescale Semiconductor, Inc

No de pièce DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Fiches technique(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
1-4
Freescale Semiconductor
DSP56303 Overview
1.4 Features
The Freescale DSP56303, a member of the DSP56300 core family of programmable DSPs,
supports wireless infrastructure applications with general filtering operations. Like the other
family members, the DSP56303 uses a high-performance, single-clock-cycle- per-instruction
engine (code compatible with Freescale’s popular DSP56000 core family), a barrel shifter, 24-bit
addressing, instruction cache, and DMA controller. The DSP56303 offers 100 million
instructions per second (MIPS) performance using an internal 100 MHz clock with 3.3 V core
and input/output (I/O) power.
All DSP56300 core family members contain the DSP56300 core and additional modules. The
modules are chosen from a library of standard predesigned elements, such as memories and
peripherals. New modules can be added to the library to meet customer specifications. A standard
interface between the DSP56300 core and the internal memory and peripherals supports a wide
variety of memory and peripheral configurations. In particular, the DSP56303 includes a JTAG
port integrated with the Freescale OnCE™ module.
The DSP56303 is intended for use in telecommunication applications, such as multi-line
voice/data/fax processing, video conferencing, audio applications, control, and general digital
signal processing
Modified signal definitions. In Table 2-12, deleted the Stop column. Changed the
title of the third column to State During Reset1,2 Added a new note 1 and
changed the old note 1 to note 2.
Page 2-15 to
2-16
Page 2-13 to
2-15
Operating Mode Register layout and definition. Replaced Figure 4-2.
Page 4-15
Page 4-13
Operating Mode Register layout and definition. In Table 4-3, changed the
definition for bit 7. Specifically, changed the third line in Note 1.
Page 4-17
Page 4-16
Bus Control Register (BCR) layout and definition. Replaced Figure 4-6.
Page 4-25
Page 4-23
Bus Control Register (BCR) layout and definition. In Table 4-8, changed the row
contents for bit 22 to “Reserved. Write to 0 for future compatibility.”
Page 4-26
Page 4-23
In Section 8.6.4.1, changed the beginning of the fourth paragraph from “In
Synchronous mode” to “In Asynchronous mode.”
Page 8-23
Page 8-21
Updated programming sheets. Replaced the programming sheets for the following
registers:
• Figure B-2, Operating Mode Register (OMR)
• Figure B-6, Bus Control Register (BCR)
• Figure B-8, Address Attribute Registers (AAR[3–0])
• Figure B-22, Timer Load, Compare, and Count Registers (TLR, TCPR, and
TCR)
Page B-13
Page B-17
Page B-19
Page B-33
Page B-11
Page B-16
Page B-18
Page B-30
Table 1-2. Change History, Revision 1 to Revision 2 (Continued)
Change
Revision 1
Page Number
Revision 2
Page Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More