| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56303 Fiches technique(PDF) 51 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 Fiches technique(HTML) 51 Page - Freescale Semiconductor, Inc |
|
51 / 292 page ![]() Memory Maps DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor 3-7 Figure 3-1. Default Settings (0, 0, 0) Internal Reserved Bootstrap ROM External Internal Program RAM 4 K $FFFFFF $FFF0C0 $FF0000 $001000 $000000 Internal Reserved Internal I/O External Internal X data RAM 2 K External $000800 Internal Reserved External I/O External Internal Y data RAM 2 K External $FF0000 $000000 $FFF000 $FFFF80 Program X Data Y Data DEFAULT Bit Settings Memory Configuration SC MS CE Program RAM X Data RAM Y Data RAM Cache Addressable Memory Size 000 4 K $000–$FFF 2 K $000–$7FF 2 K $000–$7FF None 16 M $FFFFFF $000800 $FF0000 $000000 $FFF000 $FFFF80 $FFFFFF |