| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56303 Fiches technique(PDF) 55 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 Fiches technique(HTML) 55 Page - Freescale Semiconductor, Inc |
|
55 / 292 page ![]() Memory Maps DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor 3-11 Figure 3-5. 16-bit Space with Default RAM (1, 0, 0) External Internal Program RAM 4 K $FFFF $1000 $0000 Internal I/O Internal X data RAM 2 K External External I/O Internal Y data RAM 2 K External Program X Data Y Data Bit Settings Memory Configuration SC MS CE Program RAM X Data RAM Y Data RAM Cache Addressable Memory Size 100 4 K $000–$FFF 2 K $000–$7FF 2 K $000–$7FF None 64 K $FFFF $0000 $FF80 $0800 $FFFF $0000 $FF80 $0800 |