| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56303 Fiches technique(PDF) 57 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 Fiches technique(HTML) 57 Page - Freescale Semiconductor, Inc |
|
57 / 292 page ![]() Memory Maps DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor 3-13 Figure 3-7. 16-bit Space with Switched Program RAM (1, 1, 0) Internal Program RAM 2 K $FFFF $0000 Internal I/O Internal X data RAM 3 K External External I/O Internal Y data RAM 3 K External $FFFF $0000 Program X Data Y Data $FF80 $0C00 $0800 Bit Settings Memory Configuration SC MS CE Program RAM X Data RAM Y Data RAM Cache Addressable Memory Size 110 2 K $000–$7FF 3 K $000–$BFF 3 K $000–$BFF None 64 K External $FFFF $0000 $FF80 $0C00 |