| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56303 Fiches technique(PDF) 75 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 Fiches technique(HTML) 75 Page - Freescale Semiconductor, Inc |
|
75 / 292 page ![]() Configuring Interrupts DSP56303 User’s Manual, Rev. 2 Freescale Semiconductor 4-17 Table 4-5. Interrupt Sources Interrupt Starting Address Interrupt Priority Level Range Interrupt Source VBA:$00 3 Hardware RESET VBA:$02 3 Stack error VBA:$04 3 Illegal instruction VBA:$06 3 Debug request interrupt VBA:$08 3 Trap VBA:$0A 3 Nonmaskable interrupt (NMI) VBA:$0C 3 Reserved VBA:$0E 3 Reserved VBA:$10 0–2 IRQA VBA:$12 0–2 IRQB VBA:$14 0–2 IRQC VBA:$16 0–2 IRQD VBA:$18 0–2 DMA channel 0 VBA:$1A 0–2 DMA channel 1 VBA:$1C 0–2 DMA channel 2 VBA:$1E 0–2 DMA channel 3 VBA:$20 0–2 DMA channel 4 VBA:$22 0–2 DMA channel 5 VBA:$24 0–2 TIMER 0 compare VBA:$26 0–2 TIMER 0 overflow VBA:$28 0–2 TIMER 1 compare VBA:$2A 0–2 TIMER 1 overflow VBA:$2C 0–2 TIMER 2 compare VBA:$2E 0–2 TIMER 2 overflow VBA:$30 0–2 ESSI0 receive data VBA:$32 0–2 ESSI0 receive data with exception status VBA:$34 0–2 ESSI0 receive last slot VBA:$36 0–2 ESSI0 transmit data VBA:$38 0–2 ESSI0 transmit data with exception status VBA:$3A 0–2 ESSI0 transmit last slot VBA:$3C 0–2 Reserved VBA:$3E 0–2 Reserved VBA:$40 0–2 ESSI1 receive data VBA:$42 0–2 ESSI1 receive data with exception status |