| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56303 Fiches technique(PDF) 54 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 Fiches technique(HTML) 54 Page - Freescale Semiconductor, Inc |
|
54 / 292 page ![]() DSP56303 User’s Manual, Rev. 2 3-10 Freescale Semiconductor Memory Configuration Figure 3-4. Switched Program RAM and Instruction Cache Enabled (0, 1, 1) Internal Reserved Bootstrap ROM External Internal RAM 1 K $FFFFFF $FFF0C0 $FF0000 $000000 Internal Reserved Internal I/O External Internal X data RAM 3 K External $000C00 Internal Reserved External I/O External Internal Y data RAM 3 K External $FFF000 $FFFF80 Program X Data Y Data $000400 Bit Settings Memory Configuration SC MS CE Program RAM X Data RAM Y Data RAM Cache Addressable Memory Size 011 1 K $000–$3FF 3 K $000–$BFF 3 K $000–$BFF 1 K internal not accessible 16 M Program $FFFFFF $FF0000 $000000 $000C00 $FFF000 $FFFF80 $FFFFFF $FF0000 $000000 |