Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56303 Fiches technique(PDF) 12 Page - Freescale Semiconductor, Inc

No de pièce DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Fiches technique(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
1-2
Freescale Semiconductor
DSP56303 Overview
„ Chapter 7, Enhanced Synchronous Serial Interface (ESSI). Enhancements, data and
control signals, programming model, operating modes, initialization, exceptions, and
GPIO.
„ Chapter 8, Serial Communication Interface (SCI). Signals, programming model,
operating modes, reset, initialization, and GPIO.
„ Chapter 9, Triple Timer Module. Architecture, programming model, and operating modes
of three identical timer devices available for use as internals or event counters.
„ Appendix A, Bootstrap Code. Bootstrap code and equates for the DSP56303.
„ Appendix B, Programming Reference. Peripheral addresses, interrupt addresses, and
interrupt priorities for the DSP56303; programming sheets listing the contents of the
major DSP56303 registers for programmer’s reference.
1.2 Manual Conventions
This manual uses the following conventions:
„ Bits within registers are always listed from most significant bit (MSB) to least significant
bit (LSB).
„ Bits within a register are indicated AA[n – m], n > m, when more than one bit is involved
in a description. For purposes of description, the bits are presented as if they are
contiguous within a register. However, this is not always the case. Refer to the
programming model diagrams or to the programming sheets to see the exact location of
bits within a register.
„ When a bit is “set,” its value is 1. When a bit is “cleared,” its value is 0.
„ The word “assert” means that a high true (active high) signal is pulled high to V
CC or that
a low true (active low) signal is pulled low to ground. The word “deassert” means that a
high true signal is pulled low to ground or that a low true signal is pulled high to VCC. See
Table 1-1.
Table 1-1. High True/Low True Signal Conventions
Signal/Symbol
Logic State
Signal State
Voltage
PIN1
True
Asserted
Ground2
PIN
False
Deasserted
VCC
3
PIN
True
Asserted
VCC
PIN
False
Deasserted
Ground
Notes: 1.
PIN is a generic term for any pin on the chip.
2.
Ground is an acceptable low voltage level. See the appropriate data sheet for the range of acceptable low
voltage levels (typically a TTL logic low).
3.
VCC is an acceptable high voltage level. See the appropriate data sheet for the range of acceptable high
voltage levels (typically a TTL logic high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More